Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2000B Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # RM2000B
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

RM2000B Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  RM2000B Datasheet HTML 1Page - TEKTRONIX, INC. RM2000B Datasheet HTML 2Page - TEKTRONIX, INC. RM2000B Datasheet HTML 3Page - TEKTRONIX, INC. RM2000B Datasheet HTML 4Page - TEKTRONIX, INC. RM2000B Datasheet HTML 5Page - TEKTRONIX, INC. RM2000B Datasheet HTML 6Page - TEKTRONIX, INC. RM2000B Datasheet HTML 7Page - TEKTRONIX, INC. RM2000B Datasheet HTML 8Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
Quickly and easily capture waveforms.
TDS1000B Series Oscilloscopes
Instantly Productive. Incredibly Easy.
The TDS1000B Series digital storage oscilloscopes deliver an unbeatable
combination of performance and ease of use, at a price you can afford.
Affordable Digital Precision
With up to 100 MHz bandwidth and 1 GS/s maximum sample rate, no other
digital storage oscilloscope offers as much bandwidth and sample rate for
the price. The TDS1000B Series oscilloscopes provide accurate real-time
acquisition up to their full bandwidth, the same record length at all time base
settings, advanced triggers to isolate signals of interest, and 12 standard
automatic measurements on all models. Their Fast Fourier Transform (FFT)
and waveform add, subtract, and multiply math functions allow you to
analyze, characterize, and troubleshoot circuits.
Quick and Easy Waveform Capture
The simple user interface with classic analog-style controls makes these
instruments easy to use, reducing learning time and increasing efficiency.
Innovative features such as the Autoset Menu, Probe Check Wizard, and
Context-sensitive Help Menu optimize instrument setup and operation.
FlexibleDataTransfer
With USB host and device ports which enable removable data storage,
seamless PC connectivity, and direct printing, no other digital storage
oscilloscope offers as much flexibility and ease of data transfer for the price.
Simple Documentation and Analysis
Easily capture, save, and analyze measurement results with OpenChoice
PC Communications Software. Simply pull screen images and waveform
data into the stand-alone desktop application or directly into Microsoft
Word and Excel. To complement OpenChoice, National Instruments
Conveniently use your USB flash drive to store screenshots and waveform data.
Easily capture, save, and analyze measurement results with OpenChoice PC
Communications Software.
SignalExpress Tektronix Edition Software provides you with extended
capabilities, including advanced analysis, remote oscilloscope control, and
live waveform analysis. Alternatively, if you prefer not to use the PC, you
can simply print your image directly to any PictBridge-compatible printer
using the USB device port.
Performance You Can Count On
Depend on Tektronix to provide you with performance you can count on. In
addition to industry-leading service and support, every TDS1000B Series
oscilloscope comes backed with a Lifetime Warranty*1 as standard.
*1 Limitations apply. For terms and conditions, visit www.tektronix.com/lifetimewarranty.
2 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com