Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC2000DB310 Datasheet(PDF) 2 Page - Schneider Electric

Part # KTC2000DB310
Description  Canalis KT Additional run components
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KTC2000DB310 Datasheet(HTML) 2 Page - Schneider Electric

  KTC2000DB310 Datasheet HTML 1Page - Schneider Electric KTC2000DB310 Datasheet HTML 2Page - Schneider Electric KTC2000DB310 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
설치 방향
수평
수직
Horizontal distance
30 m
중성 포지션
오른쪽
표준
IEC 61439-1
IEC 61439-6
제원 타입
Fix
너비
140 mm
높이
164 mm
색상
백색 RAL 9001)
제품 무게
36 kg
linear load
36 kg/m
사용환경
IP
등급
IP55 conforming to IEC 60529
보호의 IK 정도
IK08 conforming to IEC 62262
derating factor
0…35 °C (100 % of In)
35…40 °C (95 % of In)
40…45 °C (90 % of In)
45…50 °C (84 % of In)
50…55 °C (79 % of In)
포장 단위
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
14.0 cm
Package 1 Width
18.0 cm
Package 1 Length
100.0 cm
Package 1 Weight
41.0 kg
계약 보증
보증
18 개월
2
2025. 7. 29.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com