Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1440CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1440CS8
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1440CS8 Datasheet HTML 8Page - Linear Technology LTC1440CS8 Datasheet HTML 9Page - Linear Technology LTC1440CS8 Datasheet HTML 10Page - Linear Technology LTC1440CS8 Datasheet HTML 11Page - Linear Technology LTC1440CS8 Datasheet HTML 12Page - Linear Technology LTC1440CS8 Datasheet HTML 13Page - Linear Technology LTC1440CS8 Datasheet HTML 14Page - Linear Technology LTC1440CS8 Datasheet HTML 15Page - Linear Technology LTC1440CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1440/LTC1441/LTC1442
144012fc
APPLICATIONS INFORMATION
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.182V/4.65V = 0.254
3. Choose the required hysteresis voltage band at the
input VHBIN, in this example 60mV. Calculate the hyster-
esis voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.254)
VHB = 15.24mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3(k
Ω) = VHB = 15k
5. Choose the values for R1 and R2 to set the trip point.
R
V
I
V
A
M
RR
V
V
V
REF
BIAS
IN
REF
HB
1
1 182
1
118
21
2
1
==
=
=
+
−
⎡
⎣
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
.
.
µ
RM
V
V
mV
RM
21 18
465
1 182
15
2
1
23 40
=
+
−
⎡
⎣
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
=
.
.
.
.
Low Voltage Operation
The guaranteed minimum operating voltage is 2V or
(
±1V). As the total supply voltage is reduced below 2V, the
performance degrades and the supply current falls. Both
the reference and the comparator are still functioning with
supply voltage down to 1.5V. The reference will have
slightly worse temperature coefficient. While the com-
parator would have less output drive and the propagation
delay increases. The useful input voltage range extends
from the negative supply to a little under 1V below the
positive supply, which is slightly closer to the positive rail
than the device operating from higher supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com