Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2017 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2017
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2017 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2017 Datasheet HTML 1Page - Texas Instruments TSC2017 Datasheet HTML 2Page - Texas Instruments TSC2017 Datasheet HTML 3Page - Texas Instruments TSC2017 Datasheet HTML 4Page - Texas Instruments TSC2017 Datasheet HTML 5Page - Texas Instruments TSC2017 Datasheet HTML 6Page - Texas Instruments TSC2017 Datasheet HTML 7Page - Texas Instruments TSC2017 Datasheet HTML 8Page - Texas Instruments TSC2017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PENIRQ
I C
Serial
Interface
and
Control
2
SCL
SDA
A0
X+
X-
Y+
Y-
AUX
TEMP
STR
Mux
VDD/REF
Clock
ST
Touch
Screen
Drivers
Interface
FVNF
RESET
GND
SAR
ADC
SureSetControl
SSC
Intercept
Logic
TSC2017
www.ti.com
SBAS472 – DECEMBER 2009
12-Bit, Nanopower, 4-Wire
Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
Check for Samples: TSC2017
1
FEATURES
APPLICATIONS
•
Cellular Phones
234
•
4-Wire Touch Screen Interface
•
PDA, GPS, and Media Players
•
Single 1.6V to 3.6V Supply/Reference
•
Portable Instruments
•
Ratiometric Conversion
•
Point-of-Sale Terminals
•
Effective Throughput Rate:
•
Multiscreen Touch Control Systems
–
Up to 20kHz (8-Bit) or 10kHz (12-Bit)
•
Preprocessing to Reduce Bus Activity
DESCRIPTION
•
I2C Interface Supports:
The TSC2017 is a very low-power touch screen
–
Standard, Fast, and High-Speed Modes
controller designed to work with power-sensitive,
•
Simple, Command-Based User Interface:
handheld applications that are based on an advanced
low-voltage processor. It works with a supply voltage
–
TSC2003/TSC2007 Compatible
as low as 1.6V, which can be supplied by a
–
8- or 12-Bit Resolution
single-cell battery. It contains a complete, ultra-low
•
On-Chip Temperature Measurement
power, 12-bit, analog-to-digital (A/D) resistive touch
screen converter, including drivers and the control
•
Touch Pressure Measurement
logic to measure touch pressure.
•
Digital Buffered PENIRQ
In addition to these standard features, the TSC2017
•
On-Chip, Programmable PENIRQ Pull-Up
offers
preprocessing
of
the
touch
screen
•
Comprehensive Reset Schemes:
measurements to reduce bus loading, thus reducing
–
Power-On, Software, and Hardware Resets
the consumption of host processor resources that can
then be redirected to more critical functions.
•
Auto Power-Down Control
•
Low Power (12-Bit):
The TSC2017 supports I2C serial bus and data
transmission protocol in all three defined modes:
–
39.31
μA at 1.8V, Fast Mode, 8.2kHz Eq Rate
standard,
fast,
and
high-speed.
It
offers
–
53.32
μA at 2.7V, Fast Mode, 8.2kHz Eq Rate
programmable
resolution
of
8
or
12
bits
to
•
Enhanced ESD Protection for IEC Testing:
accommodate different screen sizes and performance
needs.
–
±8kV HBM
–
±1kV CDM
The
TSC2017
is
available
in
a
12-lead,
(1.555 ±0,055mm) x (2.055 ±0,055mm), 3 x 4 array,
–
±25kV Air Gap Discharge
wafer chip-scale package (WCSP). The TSC2017 is
–
±15kV Contact Discharge
characterized for the –40°C to +85°C industrial
•
2.1 x 1.6 WCSP-12 Package
temperature range.
U.S. Patent NO. 6246394; other patents pending.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SureSet is a trademark of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017 Datasheet
924Kb / 39P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017IYZGR TI1-TSC2017IYZGR Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017IYZGT TI1-TSC2017IYZGT Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
More results

Similar Description - TSC2017

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2013-Q1 TI1-TSC2013-Q1 Datasheet
1Mb / 70P
TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com