Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD36CDYFR Datasheet(PDF) 12 Page - Texas Instruments

Part # TSD36CDYFR
Description  TSDxxC Bidirectional TVS Diodes in SOD-323 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD36CDYFR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSD36CDYFR Datasheet HTML 8Page - Texas Instruments TSD36CDYFR Datasheet HTML 9Page - Texas Instruments TSD36CDYFR Datasheet HTML 10Page - Texas Instruments TSD36CDYFR Datasheet HTML 11Page - Texas Instruments TSD36CDYFR Datasheet HTML 12Page - Texas Instruments TSD36CDYFR Datasheet HTML 13Page - Texas Instruments TSD36CDYFR Datasheet HTML 14Page - Texas Instruments TSD36CDYFR Datasheet HTML 15Page - Texas Instruments TSD36CDYFR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
5.12 Typical Characteristics (continued)
Voltage (V)
0
5
10 15 20 25 30 35 40 45 50 55 60 65
-4
0
4
8
12
16
20
24
28
Figure 5-7. Positive TLP Curve - TSD36C
Bias Voltage (V)
0
5
10
15
20
25
30
35
40
2
2.5
3
3.5
4
4.5
5
5.5
6
TSD05C
TSD12C
TSD15C/18C
TSD24C
TSD36C
Figure 5-8. Capacitance vs Bias Voltage
Te mperature (
C)
-75
-50
-25
0
25
50
75
100
125
150
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
TSD05C
TSD12C
TSD15C/18C
TSD24C
TSD36C
Figure 5-9. Leakage Current vs Temperature
Temperature ( C)
-75
-45
-15
15
45
75
105
135
2
2.8
3.6
4.4
5.2
6
6.8
7.6
8.4
9.2
10
Figure 5-10. Capacitance vs Temperature - TSD05C
Ambient Te mperature (
C)
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Figure 5-11. Peak Pulse Power Derating Curve
td - Pulse Width (s)
0.1 0.2
0.5
1
2 3 45 7 10 2030 50 100 200 5001000
0.05
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1
2
3
5
7
10
Figure 5-12. Pulse Power Rating Curve
TSD05C, TSD12C, TSD15C, TSD18C, TSD24C, TSD36C
SLVSH42C – JUNE 2023 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TSD05C TSD12C TSD15C TSD18C TSD24C TSD36C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com