Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB322I Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments TUSB322I Datasheet HTML 18Page - Texas Instruments TUSB322I Datasheet HTML 19Page - Texas Instruments TUSB322I Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
TUSB322I
SLLSEO5C – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB322I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7.6 Register Maps
7.6.1 CSR Registers
Table 6. CSR Registers
Offset
Reset
Register Name
Section
0x07 through 0x00
[0x00, 0x54, 0x55, 0x53,
0x42, 0x33, 0x32, 0x32]
Device Identification
Device Identification Register
0x08
0x00
Connection Status
Connection Status Register
0x09
0x20
Connection Status and Control
Connection Status and Control Register
0x0A
0x00
General Control
General Control Register
0xA0
0x02
Device Revision
Device Revision Register
7.6.1.1 Device Identification Register (offset = 0x07 through 0x00) [reset = 0x00, 0x54, 0x55, 0x53, 0x42,
0x33, 0x32, 0x32]
Figure 3. Device Identification Register
7
6
5
4
3
2
1
0
DEVICE_ID
R-0
LEGEND: R = Read only; -n = value after reset
Table 7. Device Identification Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DEVICE_ID
R
For the TUSB322I device these fields return a string of ASCII
characters returning TUSB322I
Addresses 0x07 - 0x00 = {0x00, 0x54, 0x55, 0x53, 0x42, 0x33,
0x32, 0x32}
7.6.1.2 Connection Status Register (offset = 0x08) [reset = 0x00]
Figure 4. Connection Status Register
7
6
5
4
3
2
1
0
CURRENT_MODE_ADVERTISE
CURRENT_MODE_DETECT
ACCESSORY_CONNECTED
ACTIVE_CABL
E_DETECTION
RW
RU
RU
RU
LEGEND: R/W = Read/Write; R/U = Read/Update
Table 8. Connection Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
CURRENT_MODE_ADVERTISE
R
2'b00
These bits are programmed by the application to raise the
current advertisement from default.
00 – Default (500 mA / 900 mA) initial value at startup
01 – Mid (1.5 A)
10 – High (3 A)
11 – Reserved
5-4
CURRENT_MODE_DETECT
RU
2'b00
These bits are set when a UFP determines the Type-C Current
mode.
00 – Default (value at start up)
01 – Medium
10 – Charge through accessory – 500 mA
11 – High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com