Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31991 Datasheet(PDF) 6 Page - Presto International UK Limited

Part # 31991
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

31991 Datasheet(HTML) 6 Page - Presto International UK Limited

Back Button 31991 Datasheet HTML 2Page - Presto International UK Limited 31991 Datasheet HTML 3Page - Presto International UK Limited 31991 Datasheet HTML 4Page - Presto International UK Limited 31991 Datasheet HTML 5Page - Presto International UK Limited 31991 Datasheet HTML 6Page - Presto International UK Limited 31991 Datasheet HTML 7Page - Presto International UK Limited 31991 Datasheet HTML 8Page - Presto International UK Limited 31991 Datasheet HTML 9Page - Presto International UK Limited 31991 Datasheet HTML 10Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
PRODUCT GUIDE
HSS Drill Sets - DIN338 Jobber Drills
Part No
No of Drills
Increments
Range
0950013
13
1/64”
1/16” - 1/4”
0950015
15
1/32”
1/16” - 1/2”
0950021
21
1/64”
1/16” - 3/8”
0950029
29
1/64”
1/16” - 1/2”
0950060
60
#1
#1 - #60
09500M19
19
0.5mm
1mm - 10mm
09500M25
25
0.5mm
1mm - 13mm
09500M41
41
0.1mm
6mm - 10mm
09500M50
50
0.1mm
1mm - 5.9mm
09510M19
19
0.5mm
1mm - 10mm
09500M170
170
0.5mm
1mm - 10mm
09500M240
240
0.5mm
1mm - 13mm
09900M29
55
0.5mm
1mm - 13mm
09540M29
435
0.5mm
1mm - 13mm
HSS Left Hand Drill Sets - DIN338 Jobber Drills
Part No
No of Drills
Increments
Range
09520M15
15
0.5mm
3mm - 10mm
09520M21
21
0.5mm
3mm - 13mm
HSS Hi-Nox Drill Sets - DIN338~ Jobber Drills
Part No
No of Drills
Increments
Range
09502M19
19
0.5mm
1mm - 10mm
09502M25
25
0.5mm
1mm - 13mm
09902M25
55
0.5mm
1mm - 13mm
HSS Tri-Quad - DIN338 Jobber Drills
Part No
No of Drills
Increments
Range
09503M19
19
0.5mm
1mm - 10mm
09503M25
25
0.5mm
1mm - 13mm
Set shown 09500M25
Set shown 09900M25
Set shown 09500M170
Set shown 09520M15
Set shown 09502M19
Set shown 09503M19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com