Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT318W-521-R-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT318W-521-R-DC
Description  18.5" FHD TFT Multi-touch Panel Computer with LGA1151 9th/8th Gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® Processor (up to 35W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT318W-521-R-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT318W-521-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT318W-521-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT318W-521-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Heavy-duty Fanless Touch Panel Computers
Specifications
Front Bezel
IP65 front bezel
LCD Panel
Display Type
18.5" FHD TFT LCD
Brightness (cd/m
2)
500 nits
Resolution
1920 x 1080
Main System
CPU
LGA1151 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® processor
(up to 35W)
Chipset
Intel® H310
System Memory
1 x 260-pin DDR4-2666/2400 SO-DIMM, up to 32GB
BIOS
AMI UEFI BIOS
Storage
1 x mSATA
1 x 2.5" SATA HDD/SSD (7 mm and 9.5 mm height; removable)
Watchdog Timer
255 levels, 0 to 255 sec.
Onboard Graphics
Intel® integrated Gfx graphic engine
I/O Connector
1 x 9-pin D-sub Male for RS-232
1 x COM for RS-232/422/485
2 x RJ-45 GbE
2 x USB 3.0, 2 x USB 2.0
1 x Phoenix type connector for DC power input
1 x Switch for power on/off (ATX)
1 x Line-out
1 x HDMI
1 x DisplayPort
1 x VGA
1 x Remote power switch
1 x AT/ATX switch (DC type only)
1 x Grounding hole (DC version)
TPM
TPM 2.0
Expansion Interface
1 x Full-size PCI Express Mini Card slot (PCIe + SATA + USB)
1 x M.2 Key E 2230 (for Wi-Fi)
Touchscreen
Projected capacitive multi-touch
5-wire resistive touch
Power Supply
+12V/+19V/+24VDC
1x Terminal block
Power Consumption
120W
Dimensions (W x D x H) 460.8 x 77 x 285 mm (18.11" x 3.04" x 11.22")
Packing Dimensions
(W x D x H)
605 x 200 x 505 mm (23.81" x 7.87" x 19.88")
Weight (net/gross)
7.8 kg (17.2 lb)/10.2 kg (22.5 lb)
Operating Temperature 0°C to +50°C (+32°F to +122°F)
Relative Humidity
20% to 90% @ +40°C; non-condensing
Operation Vibration
1G, 10 to 500 Hz, random for 2.5" SATA HDD
Certifications
CE, EN 61000-6-2, EN 61000-6-4
Ordering Information
GOT318W-521-PCT-DC
(P/N: E22B318104)
18.5" FHD TFT fanless touch panel computer with LGA1151 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron®
processor (up to 35W), projected capacitive multi-touch screen, and 24 VDC terminal block with small Phoenix connector
GOT318W-521-R-DC
(P/N: E22B318105)
18.5" FHD TFT fanless touch panel computer with LGA1151 9th/8th gen Intel® Pentium® Gold or Intel® Celeron® processor
(up to 35W), 5-wire resistive touch screen, and 24 VDC terminal block with small Phoenix connector
* Other configuration by request
* Specification and certifications may vary based on different requirements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com