Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # TLS
Description  TLS2200® Labeling System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

TLS Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  TLS Datasheet HTML 1Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
310
TLS2200® Labeling System
Create Custom Labels In Seconds
Circuit Board Labels
General ID
...and many more!
Asset ID
Industrial Barcode
Labels
Voice & Data
Communications
Wire & Cable Labeling
TLS2200® Label Printer
A rugged, portable, and easy-to-use
labeling solution with crisp, thermal-
transfer quality printing and a variety of
durable materials. Create custom labels
for the most demanding applications
including product bar code ID, electrical
and datacomm marking, laboratory ID,
security ID, and more.
TLS PC Link™ Label Printer
A small footprint and lightweight, rugged
design makes the TLS PC Link printer a
nice fit for a variety of medium volume
(approximately 500 labels per print run)
applications. It connects to a PC for use
with the included LabelMark™ software
or other Windows based programs.
The same basic design as the TLS
2200® allows you to utilize the same
consumables (including bulk rolls) in
both the TLS 2200 and the TLS PC Link.
TLS2200® / TLS PC Link Pritner Specifications
Max Labels Per Day
Average 750 labels/day
Print Resolution
203 dpi
PrintTechnology
Thermal Transfer
Print Speed
12 mm/sec (0.47 in/sec)
Tape Widths (inches) Various sizes from 0.25”
to 2.00”
Tape Widths (mm)
Various sizes from 6.4 to
50.8 mm
Max Label Width
2.00” (50.8mm)
Max Print Width
1.810” (46.0mm)
Memory
21,000 characters / None
Materials Supported PTL-, BPTL- Series
500+ Stock Parts
Continuous vs
Die Cut Labels
Continuous and die cut
labels
Connectivity
Options
Serial
PC Connectivity
Yes
Software
Compatibility
LabelMark® / CodeSoft™
Software
DataTransfer from
PC to printer
No
Wireless
Connectivity
No
Stand Alone Printing
Yes
Color Capability
Single Color Printing
Keyboard
ABC / None
Backlit Screen
No
Text Sizes
1 to 19 (4 to 72 point)
Multi-Line Print
Yes
Print Rotation
Yes
Serialization
Yes
Barcode
128, IFT 25, Codabar
Symbols
44 on keypad / LabelMark
Supported Symbols
Portability
Yes / No
LabelTypes or
Application
Functions
Banner Portrait, Banner
Landscape, Wire, Patch
Panel, Terminal Block, Desi
Strip, Fixed Length
Applications
Circuit Board Labeling,
Data Communications
Labeling, Facility, Safety &
Maintenance Identification,
General & Industrial
Labeling, Laboratory
Identification, Panel
Identification, Security
Identification, Wire &
Cable Marking
Power Supply
Rechargeable Battery, AC
Power (optional)
Weight
2.75 lbs (1.25kg) / 2.5 lbs
(1.13kg)
Warranty
1 year
Your Complete Printing Solution:
TLS Label Rolls...........................page 311
TLS Print Ribbons.......................page 323
Online Video!
Visit BradyID.com/tls2200
for more information or to view
an online printer demo video.
TLS2200® Printer & Accessories
Catalog #
Description
TLS2200
TLS2200 Thermal Label Printer*
TLS2200-AC
TLS2200 AC Power Supply
TLSHM-QUICKCH TLS2200 Battery Quick Charger
*Includes hard case, battery pack, battery charger,
test labels (PTL-19-423), R6210 ribbon, cleaning
strip, communications cable, manual, Quick Start
Guide and 1 year Limited Warranty.
TLS PC Link® Printer & Accessories
Catalog #
Description
TLSPC
TLS PC Link Thermal Labeling System*
TLSPC-AC
Replacement power supply/battery
charger
TLSPC-BP
Rechargeable battery pack
TLSPC-CABLE Communications cable
PCK-5
Cleaning Kit (5 cleaning cards)
*Includes LabelMark™ labeling software,
rechargeable battery pack, power supply/battery
charger, R6210 ribbon, sample labels (PTL-19-423),
Quick Start Guide, manuals, communications cable,
Windows® drivers and 1 year Limited Warranty.
BradyID.com/tls2200
10c_TLS.indd 310
11/25/14 9:34 AM


Similar Part No. - TLS

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TLS AEC-TLS Datasheet
422Kb / 3P
electronic tilt switches
logo
C&K Components
TLS CK-COMPONENTS-TLS Datasheet
112Kb / 1P
Soft Sound Tact Switch
29 Jun 21
logo
BetLux Electronics
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results

Similar Description - TLS

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
Binning and Labeling
logo
PANDUIT CORP.
PROG-EMCD3 PANDUIT-PROG-EMCD3 Datasheet
67Kb / 2P
Easy-Mark Labeling Software
logo
PHOENIX CONTACT
2308111 PHOENIX-2308111 Datasheet
42Kb / 2P
Flexible labeling system with hinged transparent cover and matching insert strips
logo
TEKTRONIX, INC.
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
2600B System SourceMeter® SMU Instruments
2022
logo
Amphenol Communications...
CEM-5 AMPHENOLCS-CEM-5 Datasheet
362Kb / 3P
Minitek® Pwr CEM-5 PCIe® Connector System
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
UPN-EDGE-EHLCN2-A10-0232 AAEON-UPN-EDGE-EHLCN2-A10-0232 Datasheet
798Kb / 2P
UP Squared 6000 System with Intel® Atom® x6000E Pentium® Celeron® Processor SoC
2022/11/01
UPS-EDGE-EHLCN2-A10-0232 AAEON-UPS-EDGE-EHLCN2-A10-0232 Datasheet
580Kb / 2P
UP Squared V2 System with Intel® Pentium® Celeron® Processor SoC
2023/04/25
logo
Entegris, Inc
PROE-VAP100 ENTEGRIS-PROE-VAP100 Datasheet
750Kb / 2P
ProE-Vap® 100 Delivery System
PROE-VAP200 ENTEGRIS-PROE-VAP200 Datasheet
248Kb / 2P
ProE-Vap® 200 Delivery System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com