Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN5/4 Datasheet(PDF) 39 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN5/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN5/4 Datasheet(HTML) 39 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN5/4 Datasheet HTML 35Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 36Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 37Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 38Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 39Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 40Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 41Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 42Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 43Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
37
SEALING PLUGS – FOR PT & SP
Contact
Size
Amphenol®
Part
Number
MS
Number
A
Dia.
±.010
B
Dia.
±.005
C
±.010
Color
Code
12
10-405996-12 MS27488-12
.121
.171
.564
Yellow
16
10-405996-16 MS27488-16
.083
.133
.564
Blue
20
10-405996-20 MS27488-20
.060
.090
.564
Red
How to Order: Order by 10- (Proprietary) or MS part number as shown in chart above.
MOUNTING FLANGE GASKETS – FOR PT & SP
Shell
Size
PT
10-101949
SP
10-150949
PT & SP
10-101949
10-150949
R
±.010
S
±.010
R
±.010
S
±.010
F
+.016
–.000
T
±.008
6
.469
.688
.641
.953
.375
.024
8
.594
.812
.734
1.047
.500
.024
10
.719
.938
.812
1.125
.625
.024
12
.813
1.031
.938
1.250
.750
.024
14
.906
1.125
1.031
1.344
.875
.024
16
.969
1.219
1.125
1.438
1.000
.024
18
1.063
1.312
1.203
1.516
1.125
.024
20
1.156
1.438
1.297
1.672
1.250
.024
22
1.250
1.563
1.375
1.750
1.375
.024
24
1.375
1.688
1.500
1.875
1.500
.024
How to Order: For PT: 10-101949-XX (complete order number with desired shell size).
For SP: 10-150949-XX (complete order number with desired shell size).
75° POTTING BOOTS – FOR PT & SP
Shell
Size
B
Max.
D
±.015
E
±.015
L
Max.
8
.433
.312
.438
.766
10
.493
.438
.562
.830
12
.552
.516
.688
.861
14
.643
.625
.781
.916
16
.658
.656
.890
.936
18
.689
.703
1.000
.959
20
.750
.766
1.125
1.052
22
.794
.812
1.234
1.073
24
1.070
.918
1.374
1.310
How to Order: 10-101988-XX (complete order number with desired shell size).
All dimensions for reference only.
PT & SP
accessories – sealing plugs, flange gaskets,
potting boots
SEALING PLUG
MS27488-XX
10-405996-XX
MOUNTING FLANGE GASKET
10-101949-XX
10-150949-XX
75° POTTING BOOT
10-101988-XX
B
DIA
A
DIA
C
.135 +.030
–.025
B
L
D
E
S
S
R
F
R
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com