Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN1/2 Datasheet(PDF) 13 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN1/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN1/2 Datasheet(HTML) 13 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN1/2 Datasheet HTML 9Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 10Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 11Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 12Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 13Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 14Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 15Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 16Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 17Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
11
Amphenol PT, SP, MS/PT
Proprietary/MIL-DTL-26482, Series 1
bayonet coupling and solder termination
Amphenol® solder contact miniature cylindrical connectors meet the most
critical application needs. Design versatility combined with high reliability
performance makes these series of Miniature Cylindrical Connectors ideal for
environmental sealing or pressurized applications.
The MS/PT Series is qualified to MIL-DTL-26482, Series 1 and has all the outstanding
design characteristics and quality of the PT Series. The SP Series is a modification of
the PT, providing special shells with a wide mounting flange for back panel mounting.
A corrosion resistant electrically conductive finish of cadmium plate with an olive drab
chromate after-treatment is used on the PT and MS/PT. The SP is given a durable
non-conductive hard anodic “Alumilite”® coating which provides abrasion protection
and resistance to corrosion.
**NEW** 500 hour corrosion resistance, RoHS compliant harsh environment
conductive plating. Gray Zinc over an Electroless Nickel (Gray ZnNi) base, with a Light
Gun Metal Gray appearance.
Shell components for these series are aluminum. The dependable 5 key/keyway
polarization with bayonet lock coupling assures positive mating with no chance of cross
plugging. Spring tension provided by a wave washer in the coupling nut ensures
maintenance of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient neoprene. This provides
excellent moisture sealing at the gasket and superior electrical isolation of the contact
in the insert.
Both pins and sockets are machined from a copper alloy and are gold plated. This gold
plating eliminates contact corrosion and offers an indefinite shelf life. Socket contacts
for these series are a closed entry design. A breakaway style plug is available in the PT
solder series. Hermetics receptacles are available in PT and MS/PT solder series.
Receptacles with printed circuit board contacts are also available.
PT Solder is UL recognized under file #E115497, Vol. 1, Sec. 5.
The PT, SP and MS/PT Series are intermateable and intermountable with all existing
Miniature Cylindrical Series connectors.
Refer to pages 4-10 for insert arrangement availability.
PT, SP, MS/PT
Table 1: CONTACT DATA/CONNECTOR RATINGS
Contact Specifications
Contact
Size
Test
Current
Maximum
Millivolt Drop†
Solder Well
Diameter
Solder Well
Depth
20
7.5
55
.046
.125
16
13.0
50
.078
.188
12
23.0
42
.116
.188
Service Rating
Service
Rating
Recommended
Operating
AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000
ft.
70,000
ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
®
wall mounting
receptacle
box mounting
receptacle
straight plug
thru bulkhead
receptacle
cable connecting
receptacle*
jam nut
receptacle
+.004
–.000
+.031
–.000
+.005
–.003
+.031
–.000
+.004
–.002
+.031
–.000
† Silver plated wire
per MIL-
DTL-26482
*This connector
style is sometimes
referred to as a
cable connecting
“plug.” It does,
however, mate
with a straight or
90 degree plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com