Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN3/4 Datasheet(PDF) 18 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN3/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN3/4 Datasheet(HTML) 18 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN3/4 Datasheet HTML 14Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 15Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 16Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 17Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 18Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 19Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 20Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 21Page - Amphenol Industrial Products Group. AIO-CSJIN3/4 Datasheet HTML 22Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
16
ND
L
ND
XL
TERMINATION ASSEMBLIES
“A” General Duty
PT06A-XX-XXX
SP06A-XX-XXX
PTG06A-XX-XXX
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
PT06A-XX-XXX (SR)
SP06A-XX-XXX (SR)
PTG06A-XX-XXX (SR)
PT06E-XX-XXX (SR)
SP06E-XX-XXX (SR)
PTG06E-XX-XXX (SR)
PT06P-XX-XXX (SR)
SP06P-XX-XXX (SR)
PTG06P-XX-XXX (SR)
MS3116F-XX-XXX
“E” Open Wire Seal
PT06E-XX-XXX
SP06E-XX-XXX
PTG06E-XX-XXX
MS3116E-XX-XXX
“P” Potting Boot
PT06P-XX-XXX
SP06P-XX-XXX
PTG06P-XX-XXX
MS3116P-XX-XXX
“PG” Cable Gland Seal
PT06PG-XX-XXX
SP06PG-XX-XXX
PTG06PG-XX-XXX
“J” Cable Seal
MS3116J-XX-XXX
Shell
Size
Plug Front View
Plug Side View
Class “A”
S
Max.
J
L
Max.
Q Thread
Class 2A
Z
Max.
D
Min.
L
Max.
N
Max.
V Thread
Class A
6
.625
.353
.906
.3125-32 NEF
.594
.175
1.609
.462
.3750-32 NEF
8
.750
.353
.906
.4375-28 UNEF
.594
.297
1.609
.590
.5000-28 UNEF
10
.859
.353
.906
.5625-24 NEF
.594
.421
1.609
.717
.6250-24 NEF
12
1.013
.353
.906
.6875-24 NEF
.594
.546
1.609
.834
.7500-20 UNEF
14
1.156
.353
.906
.8125-20 UNEF
.594
.663
1.609
.970
.8750-20 UNEF
16
1.281
.353
.906
.9375-20 UNEF
.594
.787
1.609
1.088
1.0000-20 UNEF
18
1.319
.353
.906
1.0625-18 NEF
.594
.879
1.609
1.216
1.1875-18 NEF
20
1.531
.415
1.062
1.1875-18 NEF
.672
1.014
1.656
1.332
1.1875-18 NEF
22
1.656
.415
1.062
1.3125-18 NEF
.672
1.135
1.656
1.460
1.4375-18 NEF
24*
1.776
.415
1.125
1.4375-18 NEF
.672
1.259
1.750
1.587
1.4375-18 NEF
All dimensions for reference only.
PT06 (MS3116)
SP06
straight plug
To complete part number see how to order on page 25.
S
L
ZQ
J
ND
.375 MIN
V
L
G
L
C
N
DH
L
N
N
L
D
PURCHASED
RELEASED / Dec . 21 2015, 2:09:12 PM
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS / “F” Class “E”, MS / “E” Class “P”, MS / “P”
Class “J”
Class “PG”
C
Thread
D
Min.
G
Max.
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
N
Max.
XL
Max.
B
Thread
L
Max.
Closed Free
6
–
–
–
–
–
–
1.266
.440
.192 1.438 .484
–
–
–
–
–
–
8
6-32 .240 .125
.812 1.922 .550 1.266
.560
.317 1.438 .608 .168 .230
.547 2.271 M12x1.5-6H
.936
10
6-32 .302 .188
.875 1.922 .675 1.266
.685
.434 1.438 .734 .205 .312
.675 2.271 M16x1.5-6H
.936
12
6-32 .428 .312 1.000 1.922 .803 1.266
.813
.548 1.438 .858 .338 .442
.812 2.411 M16x1.5-6H
.936
14
6-32 .552 .375 1.125 1.922 .920 1.266
.930
.673 1.438 .984 .416 .539
.940 2.599 M18x1.5-6H
.936
16
6-32 .615 .500 1.188 2.047 1.047 1.266
1.057
.798 1.438 1.110 .550 .616 1.067 2.943 M22x1.5-6H
.936
18
8-32 .740 .625 1.438 2.078 1.165 1.266
1.175
.899 1.438 1.234 .600 .672 1.194 3.172 M25x1.5-6H
.936
20
8-32 .740 .625 1.438 2.344 1.290 1.516
1.301 1.024 1.656 1.360 .635 .747 1.322 3.610 M25x1.5-6H 1.180
22
8-32 .928 .750 1.625 2.344 1.418 1.516
1.430 1.149 1.656 1.484 .670 .846 1.449 3.766 M32x1.5-6H 1.180
24
8-32 .990 .800 1.719 2.406 1.543 1.578
1.555 1.274 1.717 1.610 .740 .894 1.576 3.985 M32x1.5-6H 1.180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com