Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN1/2 Datasheet(PDF) 19 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN1/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN1/2 Datasheet(HTML) 19 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN1/2 Datasheet HTML 15Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 16Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 17Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 18Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 19Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 20Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 21Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 22Page - Amphenol Industrial Products Group. AIO-CSJIN1/2 Datasheet HTML 23Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
17
TERMINATION ASSEMBLIES
“E” Open Wire Seal
PT07E-XX-XXX
SP07E-XX-XXX
MS3114E-XX-XXX
“A” (SR), “E” (SR), “P” (SR), MS / “F” Strain Relief
PT07A-XX-XXX (SR)
SP07A-XX-XXX (SR)
PT07E-XX-XXX (SR)
MS3114F-XX-XXX
“P” Potting Boot
PT07P-XX-XXX
MS3114P-XX-XXX
Shell
Size
Recept. Front View
Receptacle Side View
Class “E”, MS / “E”
H
±.016
S
A Dia.
+.001
–.005
J Flat
+.000
–.010
K
+.011
–.010
M
P Panel Thickness
R
Thread
Class 2A UNEF
Z
L
Max.
M
N
Max.
Z
±.040
Min.
Max.
6
.625
.812
.348
.405
.125
.696
.062
.125
.4375-28
.231
.568
.696
.604
.191
8
.750
.938
.473
.530
.125
.696
.062
.125
.5625-24
.231
.568
.696
.729
.191
10
.875
1.062
.590
.655
.125
.696
.062
.125
.6875-24
.231
.568
.696
.854
.191
12
1.062
1.250
.750
.818
.125
.696
.062
.125
.8750-20
.231
.568
.696
.979
.191
14
1.188
1.375
.875
.942
.125
.696
.062
.125
1.0000-20
.231
.568
.696
1.104
.191
16
1.312
1.500
1.000
1.066
.125
.696
.062
.125
1.1250-18
.231
.568
.696
1.229
.191
18
1.438
1.625
1.125
1.191
.125
.696
.062
.125
1.2500-18
.231
.568
.696
1.354
.191
20
1.562
1.812
1.250
1.316
.156
.884
.062
.250
1.3750-18
.261
.630
.884
1.510
.221
22
1.688
1.938
1.375
1.441
.156
.884
.062
.250
1.5000-18
.261
.630
.884
1.635
.221
24
1.816
2.062
1.500
1.566
.156
.917
.062
.250
1.6250-18
.228
.660
.917
1.760
.188
Shell
Size
Class “A” (SR), “P” (SR), MS / “F”
Class “E” (SR)
Class “P”, MS / “P”
C
Thread
D
Max.
G
H
L
M
C
Thread
D
Max.
G
H
L
M
D
Max.
L +.010
–.026
M
N
Z
6
–
–
–
–
–
–
–
–
–
–
–
–
.202
.593
.696
.484 .191
8
6-32
.250 .125
.781 1.062
.696
6-32
.250
.125
.775 1.029 .696
.327
.593
.696
.608 .191
10
6-32
.312 .188
.844 1.062
.696
6-32
.312
.188
.837 1.029 .696
.444
.593
.696
.734 .191
12
6-32
.438 .312
.969 1.062
.696
6-32
.438
.312
.963 1.029 .696
.558
.593
.696
.858 .191
14
6-32
.562 .375
1.094 1.062
.696
6-32
.562
.375 1.087 1.029 .696
.683
.593
.696
.984 .191
16
6-32
.625 .500
1.156 1.188
.696
6-32
.625
.500 1.150 1.161 .696
.808
.593
.696
1.110 .191
18
8-32
.750 .625
1.406 1.188
.696
8-32
.750
.625 1.400 1.161 .696
.909
.593
.696
1.234 .191
20
8-32
.750 .625
1.406 1.250
.884
8-32
.750
.625 1.400 1.224 .884
1.034
.718
.884
1.360 .221
22
8-32
.938 .750
1.594 1.250
.884
8-32
.938
.750 1.587 1.224 .884
1.159
.718
.884
1.484 .221
24*
8-32 1.000 .800
1.594 1.250
.917
8-32
1.000
.800 1.681 1.320 .917
1.284
.718
.917
1.610 .188
* Size 24 strain relief available in PT only.
All dimensions for reference only.
PT07 (MS3114)
SP07
jam nut receptacle
To complete part number see how to order on page 25.
“A” General Duty/
“C” Pressurized Receptacle
PT07A-XX-XXX
PT07C-XX-XXX
S
H
S
J A
M
Z
R
P
K
J
N
A
MZ
R
PL
J A
MZ
C
R
PL
GD H
J A
MZ
R
PL
DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com