Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7835E/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7835E/2K5
Description  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7835E/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7835E/2K5 Datasheet HTML 1Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 2Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 3Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 4Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 5Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 6Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 7Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 8Page - Texas Instruments ADS7835E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
ADS7835
®
SPECIFICATIONS
At TA = –40°C to +85°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ADS7835E
ADS7835EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
T
Bits
ANALOG INPUT(1)
Input Voltage Range
±2.5V with the 2.5V
–VREF
+VREF
TT
V
Internal Reference
Input Capacitance
25
T
pF
Input Resistance
During Conversion (CONV = LOW)
2
T
k
Ω
SYSTEM PERFORMANCE
No Missing Codes
12
T
Bits
Integral Linearity
±1
±2
±0.5
±1
LSB(2)
Differential Linearity
±0.8
±0.5
±1
LSB
Bipolar Offset Error
±2
±10
±1
±5
LSB
Positive Fulll-Scale Error(3)
At 25
°C
±12
±20
±7
±12
LSB
–40
°C to +85°C
±35
±25
LSB
Negative Full-Scale Error(3)
At 25
°C
±12
±20
±7
±12
LSB
–40
°C to +85°C
±35
±25
LSB
Noise
200
T
µVrms
Power Supply Rejection Ratio
Worst-Case
∆, +V
CC = 5V ±5%
0.3
T
LSB
SAMPLING DYNAMICS
Conversion Time
1.625
T
µs
Acquisition Time
0.350
T
µs
Throughput Rate
500
T
kHz
Aperture Delay
5
T
ns
Aperture Jitter
30
T
ps
Step Response
375
T
ns
DYNAMIC CHARACTERISTICS
Signal-to-Noise Ratio
VIN = 5Vp-p at 10kHz
72
T
dB
Total Harmonic Distortion(4)
VIN = 5Vp-p at 10kHz
–78
–72
–82
–75
dB
Signal-to-(Noise+Distortion)
VIN = 5Vp-p at 10kHz
68
70
70
72
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 10kHz
72
78
75
82
dB
REFERENCE OUTPUT
Voltage
IOUT = 0
2.475
2.50
2.525
2.48
T
2.52
V
Source Current(5)
Static Load
50
T
µA
Line Regulation
4.75V
≤ V
CC ≤ 5.25V
0.2
T
mV
REFERENCE INPUT
Range
2.3
2.9
TT
V
Resistance(6)
To Internal Reference Voltage
10
T
k
Ω
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels:
VIH
IIH ≤ +5µA
3.0
+VCC + 0.3
TT
V
VIL
IIL ≤ +5µA
–0.3
0.8
TT
V
VOH
IOH = –500µA
3.5
T
V
VOL
IOL = 500µA
0.4
T
V
Data Format
Binary Two’s Complement
T
POWER SUPPLY REQUIREMENT
+VCC
Specified Performance
4.75
5.25
TT
V
Quiescent Current
fSAMPLE = 500kHz
3.5
T
mA
Power-Down
0.5
T
mA
Power Dissipation
17.5
30
TT
mW
Power-Down
2.5
T
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Specifications same as ADS7835E.
NOTES: (1) Ideal input span, does not include gain or offset error. (2) LSB means Least Significant Bit, with VREF equal to +2.5V, one LSB is 1.22mV. (3) Measured
relative to an ideal positive full scale of 2.499V for positive full-scale error. Measured relative to an ideal negative full scale of –2.499V for negative full-scale error.
(4) Calculated on the first nine harmonics of the input frequency. (5) If the internal reference is required to source current to an external load, the reference voltage
will change due to the internal 10k
Ω resistor. (6) Can vary ±30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com