Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z40PW-R1.A Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ20Z40PW-R1.A
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29330
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ20Z40PW-R1.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z40PW-R1.A Datasheet HTML 7Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 8Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 9Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 10Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 11Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 12Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 13Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 14Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
bq20z40-R1
www.ti.com
SLUS993A
– DECEMBER 2009 – REVISED MARCH 2011
Lifetime Data Logging Features
The bq20z40-R1 offers lifetime data logging, where important measurements are stored for warranty and
analysis purposes. The data monitored include:
•
Lifetime maximum temperature
•
Lifetime minimum temperature
•
Lifetime maximum battery cell voltage
•
Lifetime minimum battery cell voltage
•
Lifetime maximum battery pack voltage
•
Lifetime minimum battery pack voltage
•
Lifetime maximum charge current
•
Lifetime maximum discharge current
•
Lifetime maximum charge power
•
Lifetime maximum discharge power
•
Lifetime maximum average discharge current
•
Lifetime maximum average discharge power
•
Lifetime average temperature
Authentication
The bq20z40-R1 supports authentication by the host using SHA-1.
Power Modes
The bq20z40-R1 supports three power modes to reduce power consumption:
•
In Normal Mode, the bq20z40-R1 performs measurements, calculations, protection decisions and data
updates in 1-s intervals. Between these intervals, the bq20z40-R1 is in a reduced power stage.
•
In Sleep Mode, the bq20z40-R1 performs measurements, calculations, protection decisions, and data
updates in adjustable time intervals. Between these intervals, the bq20z40-R1 is in a reduced power stage.
The bq20z40-R1 has a wake function that enables exit from Sleep mode when current flow or failure is
detected.
•
In Shutdown Mode, the bq20z40-R1 is completely disabled.
CONFIGURATION
Oscillator Function
The bq20z40-R1 fully integrates the system and processor oscillators and, therefore, requires no pins or
components for this feature.
System Present Operation
The bq20z40-R1 periodically verifies the PRES pin and detects that the battery is present in the system via a low
state on a PRES input. When this occurs, bq20z40-R1 enters normal operating mode. When the pack is
removed from the system and the PRES input is high, the bq20z40-R1 enters the battery-removed state,
disabling the charge, discharge, and ZVCHG FETs. The PRES input is ignored and can be left floating when
non-removal mode is set in the data flash.
BATTERY PARAMETER MEASUREMENTS
The bq20z40-R1 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and
a second delta-sigma ADC for individual cell and battery voltage and temperature measurement.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :bq20z40-R1
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com