Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1.A Datasheet(PDF) 22 Page - Texas Instruments

Part # BQ78350DBT-R1.A
Description  bq78350-R1 CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the bq769x0 Battery Monitoring AFE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ78350DBT-R1.A Datasheet HTML 18Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 19Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 20Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 21Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 22Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 23Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 24Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 25Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
VCC
bq78350
C22
C21
RBI
22
bq78350-R1
SLUSCD0B – AUGUST 2015 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: bq78350-R1
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Layout Guidelines (continued)
11.1.3 Communication Line Protection Components
The 5.6-V Zener diodes, which protect the bq78350-R1 communication pins from ESD, must be located as close
as possible to the pack connector. The grounded end of these Zener diodes must be returned to the PACK(–)
node, rather than to the low-current digital ground system. This way, ESD is diverted away from the sensitive
electronics as much as possible.
11.1.4 ESD Spark Gap
Protect the SMBus clock, data, and other communication lines from ESD with a spark gap at the connector. The
following pattern is recommended, with 0.2-mm spacing between the points.
Figure 15. Recommended Spark-Gap Pattern Helps Protect Communication Lines From ESD
11.2 Layout Example
Figure 16. bq78350-R1 Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com