Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT175 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT175
Description  CD74ACT175 Quadruple D-type Flip-Flop with Clear
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT175 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT175 Datasheet HTML 1Page - Texas Instruments CD74ACT175 Datasheet HTML 2Page - Texas Instruments CD74ACT175 Datasheet HTML 3Page - Texas Instruments CD74ACT175 Datasheet HTML 4Page - Texas Instruments CD74ACT175 Datasheet HTML 5Page - Texas Instruments CD74ACT175 Datasheet HTML 6Page - Texas Instruments CD74ACT175 Datasheet HTML 7Page - Texas Instruments CD74ACT175 Datasheet HTML 8Page - Texas Instruments CD74ACT175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CD74ACT175 Quadruple D-type Flip-Flop with Clear
1 Features
• Inputs are TTL-voltage compatible
• Contains four flip-flops with double-rail outputs
• Buffered inputs
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
2 Applications
• Buffer/Storage Registers
• Shift Registers
• Pattern Generators
3 Description
This positive-edge-triggered D-type flip-flop has a
direct clear (CLR) input. The CD74ACT175 features
complementary outputs from each flip-flop.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CD74ACT175
N (PDIP, 16)
19.3mm × 9.4mm
19.3mm × 6.35mm
D (SOIC, 16)
9.9mm × 6mm
9.9mm × 3.9mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram (Positive Logic)
CD74ACT175
SCHS345A – APRIL 2003 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74ACT175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT175 TI-CD74ACT175 Datasheet
35Kb / 7P
Quad D Flip-Flop with Reset
CD74ACT175 TI1-CD74ACT175 Datasheet
820Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
CD74ACT175-MIL TI1-CD74ACT175-MIL Datasheet
820Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
CD74ACT175E TI-CD74ACT175E Datasheet
35Kb / 7P
Quad D Flip-Flop with Reset
CD74ACT175E TI1-CD74ACT175E Datasheet
820Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
More results

Similar Description - CD74ACT175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40175B PHILIPS-HEF40175B Datasheet
62Kb / 5P
Quadruple D-type flip-flop
January 1995
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Hitachi Semiconductor
HD14175B HITACHI-HD14175B Datasheet
65Kb / 5P
Quadruple D-type Flip Flop
logo
Texas Instruments
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74F175 TI-SN74F175_07 Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
D-Type Flip-Flop with Clear
logo
Texas Instruments
74ACT11175 TI1-74ACT11175 Datasheet
88Kb / 6P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
CD74AC175 TI1-CD74AC175_14 Datasheet
755Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
CD74ACT175 TI1-CD74ACT175_14 Datasheet
820Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com