Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN1NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN1NK80Z
Description  N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STN1NK80Z Datasheet HTML 1Page - STMicroelectronics STN1NK80Z Datasheet HTML 2Page - STMicroelectronics STN1NK80Z Datasheet HTML 3Page - STMicroelectronics STN1NK80Z Datasheet HTML 4Page - STMicroelectronics STN1NK80Z Datasheet HTML 5Page - STMicroelectronics STN1NK80Z Datasheet HTML 6Page - STMicroelectronics STN1NK80Z Datasheet HTML 7Page - STMicroelectronics STN1NK80Z Datasheet HTML 8Page - STMicroelectronics STN1NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
January 2006
STQ1NK80ZR-AP - STN1NK80Z
STD1NK80Z - STD1NK80Z-1
N-CHANNEL 800V - 13
Ω - 1 A TO-92 /SOT-223/DPAK/IPAK
Zener - Protected SuperMESH™ MOSFET
Table 1: General Features
■
TYPICAL RDS(on) = 13Ω
■
EXTREMELY HIGH dv/dt CAPABILITY
■
ESD IMPROVED CAPABILITY
■
100% AVALANCHE TESTED
■
NEW HIGH VOLTAGE BENCHMARK
■
GATE CHARGE MINIMIZED
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capability
for the most demanding applications. Such series
complements ST full range of high voltage MOS-
FETs including revolutionary MDmesh™ products.
APPLICATIONS
■
AC ADAPTORS AND BATTERY CHARGERS
■
SWITH MODE POWER SUPPLIES (SMPS)
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STQ1NK80ZR-AP
STN1NK80Z
STD1NK80Z
STD1NK80Z-1
800 V
800 V
800 V
800 V
< 16
Ω
< 16
Ω
< 16
Ω
< 16
Ω
0.3 A
0.25A
1.0 A
1.0 A
3 W
2.5 W
45 W
45 W
TO-92 (Ammopack)
1
2
2
3
SOT-223
1
3
DPAK
3
2
1
IPAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STQ1NK80ZR-AP
Q1NK80ZR
TO-92
AMMOPAK
STN1NK80Z
N1NK80Z
SOT-223
TAPE & REEL
STD1NK80ZT4
D1NK80Z
DPAK
TAPE & REEL
STD1NK80Z-1
D1NK80Z
IPAK
TUBE
Rev. 3


Similar Part No. - STN1NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NK60Z STMICROELECTRONICS-STN1NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
07-Sep-2005
logo
Microsemi Corporation
STN1NK60Z MICROSEMI-STN1NK60Z Datasheet
732Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STN1NK60Z STMICROELECTRONICS-STN1NK60Z Datasheet
466Kb / 16P
N-channel 600V - 13Ω - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH™Power MOSFET
19-Jul-2007
STN1NK60ZL STMICROELECTRONICS-STN1NK60ZL Datasheet
707Kb / 12P
N-channel 600 V, 10.4 typ., 0.44 A SuperMESH™ Power MOSFET in a SOT-223 package
December 2016 Rev 2
More results

Similar Description - STN1NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
07-Sep-2005
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
17-Jan-2005
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
22-Nov-2004
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Aug-2006
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STD1NK60 STMICROELECTRONICS-STD1NK60_08 Datasheet
429Kb / 15P
N-CHANNEL 600V - 8Ω - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
14-Feb-2006
STQ1NK60ZR-AP STMICROELECTRONICS-STQ1NK60ZR-AP_07 Datasheet
466Kb / 16P
N-channel 600V - 13Ω - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH™Power MOSFET
19-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com