Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM80912-005 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM80912-005
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80912-005 Datasheet(HTML) 3 Page - STMicroelectronics

  AM80912-005 Datasheet HTML 1Page - STMicroelectronics AM80912-005 Datasheet HTML 2Page - STMicroelectronics AM80912-005 Datasheet HTML 3Page - STMicroelectronics AM80912-005 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
All dimensions are in inches.
Substrate material: .025 thick AI2O3
C1
: 100
µF Electrolytic Capacitor, 63V
C2
: .1
µF Ceramic Capacitor
C3
: Feedthrough Bypass SCI 712-022
C4
: .6 — 4.5 pF, 2 pls, Johanson Gigatrim Capacitor
C5
: .6 — 4.5 pF, 2 pls, Johanson Gigatrim Capacitor
C6
: 100 pF Chip Capacitor
L1
: No. 26 Wire, 4 Turn
L2
: No. 26 Wire, 4 Turn
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 0.7 W
VCC
= 28 V
Normalized to 50 ohms
L
H
ZCL
H
L
ZIN
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 960 MHz
8.2 + j 8.52
10.5 + j 12.9
M
= 1090 MHz 11.1 + j 8.34
9.4 + j 11.3
H
= 1215 MHz
15.6 + j 6.8
9.0 + j 8.3
AM80912-005
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com