Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39460110 Datasheet(PDF) 2 Page - Star Micronics Co., Ltd.

Part # 39460110
Description  Versatile Printer with Receipt/Ticket Stacker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARMICRONICS [Star Micronics Co., Ltd.]
Direct Link  https://starmicronics.com/
Logo STARMICRONICS - Star Micronics Co., Ltd.

39460110 Datasheet(HTML) 2 Page - Star Micronics Co., Ltd.

  39460110 Datasheet HTML 1Page - Star Micronics Co., Ltd. 39460110 Datasheet HTML 2Page - Star Micronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(848) 216-3300 | www.starmicronics.com | sales@starmicronics.com
03/22/2022
Part Numbers Models
Description
Features
Hardware
Ultra Fast 34 RPM (180mm/s)
“Drop-In and Print” Clamshell Design
Adjustable Paper (45mm to 82.5mm)
Thick Ticket Support (Up to 0.15mm)
Stacks Up to 30 Printed Tickets
7” Paper Roll Capacity (800 ft of Receipt)
Small Footprint
Swappable Communication Interfaces
1 and 2 Dimensional Barcodes
Putty, Gray, Red, Blue Color Housing (Red and
Blue are Available on Special Order)
Software
Logo Utility (Store Logos, Coupons,
and Graphics)
Automatic Second Copy with Raster
Driver
Memory Switch Configuration /
Setup Utility
Ethernet Interface Setup Utility
StarPRNT SDK
Connectivity
Serial, Parallel, Ethernet, or USB
Drivers
Windows Inbox Driver
Java POS for Windows
USB Vendor Class Driver
Linux CUPS
Java POS for Linux
Mac OS CUPS
JavaPOS for Mac OS X
What’s Included
TSP1000 Receipt Printer with Cutter and
Stacker, Paper Stopper,
Power Switch Cover, User Manual
Ferrite Core (Parallel, USB, Ethernet Models)
58mm Paper Guide
Power Switch Cover
Startup Paper Roll
Optional
Accessories
External Power Supply (PS60A)
Integrated Buzzer (BU01-24-A)
Putty or Gray Color Housing
Technical
Specifications
Print Method: Direct Thermal
Print Speed: 180mm/s (34 Receipts Per Minute)
Paper Width: 45mm to 82.5mm
Paper Thickness: 0.06 - 0.15mm
Paper Diameter: Maximum 7” (180mm)
Stacker Capacity: Max 30 Sheets
Emulation: Star Line Mode, Star Page Mode,
ESC/POS™
Power: 24VDC
Resolution: 203 dpi
MCBF: 60 Million Lines
Cutter: 1 Million Cuts
Dimensions: W=161mm, H=249mm,
D=307mm
TSP1000 Specifications
37998880
37998900
39460010
39460110
39460211
39462010
39462411
TSP1043L-24 GRY
TSP1045L-24 GRY
TSP1045C-24 GRY
TSP1045D-24 GRY
TSP1045D-24 GRY
TSP1043D-24GRY
TSP1043U-24GRY
Copyright © 2023 Star Micronics America, Inc. All rights reserved. Star Micronics and the Star Logo are trademarks of Star Micronics America, Inc.
TSP1000, Thermal, Cutter, Ethernet (LAN), Gray, 80mm Paper Width,
Large Roll Capacity, Slip Stacker, Ext PS Needed
TSP1000, Thermal, Cutter, Ethernet (LAN), Gray, 82.5mm Paper Width,
Large Roll Capacity, Slip Stacker, Ext PS Needed
TSP1000, Thermal, Cutter, Parallel, Gray, 82.5mm Paper Width, Large Roll
Capacity, Slip Stacker, Ext PS Needed
TSP1000, Thermal, Cutter, Serial, Gray, 82.5mm Paper Width, Large Roll
Capacity, Slip Stacker, Ext PS Needed
TSP1000, Thermal, Cutter, Serial, Gray, 82.5mm Paper Width, Large Roll
Capacity, Slip Stacker, Ext PS Needed
TSP1000, Thermal, Cutter, Serial, Gray, 80mm Paper Width, Large Roll
Capacity, Slip Stacker, Ext PS Needed
TSP1000, Thermal, Cutter, USB, Gray, 80mm Paper Width, Large Roll
Capacity, Slip Stacker, Ext PS Needed
TSP1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com