Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM80912-030 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM80912-030
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80912-030 Datasheet(HTML) 2 Page - STMicroelectronics

  AM80912-030 Datasheet HTML 1Page - STMicroelectronics AM80912-030 Datasheet HTML 2Page - STMicroelectronics AM80912-030 Datasheet HTML 3Page - STMicroelectronics AM80912-030 Datasheet HTML 4Page - STMicroelectronics AM80912-030 Datasheet HTML 5Page - STMicroelectronics AM80912-030 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Unit
Min .
Typ.
Max.
POUT
f
= 960 — 1215MHz
PIN
= 5.0W
VCC
= +35V
30
36
W
η
C
f
= 960 — 1215MHz
PIN
= 5.0W
VCC
= +35V
40
45
%
GP
f
= 960 — 1215MHz
PIN
= 5.0W
VCC
= +35V
7.8
8.6
dB
N ote:
Pul se format:
6.4
µson 6.6 µs off, repeat for 3.3 ms, then off for 4.5125 ms.
Duty Cycle:
Burst 49.2%, overall 20.8%
STATIC
DYNAMIC
Symbol
Test Conditions
Value
Unit
Min .
Typ.
Max.
BVCBO
IC
= 10mA
55
V
BVEBO
IE
= 1mA
3.5
V
BVCER
IC
= 20mA
RBE
= 10Ω
55
V
ICES
VCE
= 35V
5.0
mA
hFE
VCE
= 5V
IC
= 1.0A
15
150
AM80912-030
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com