Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFW-IP67 Datasheet(PDF) 1 Page - Herga Technology

Part # DFW-IP67
Description  MICROSWITCH LINE CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HERGA [Herga Technology]
Direct Link  https://www.herga.com/
Logo HERGA - Herga Technology

DFW-IP67 Datasheet(HTML) 1 Page - Herga Technology

  DFW-IP67 Datasheet HTML 1Page - Herga Technology DFW-IP67 Datasheet HTML 2Page - Herga Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROSWITCH LINE CARD
Herga Technology Ltd +44 (0) 1284 701422 | sales@herga.com | herga.com
A
Variohm Group Company
Microswitch Line Card 05/25
Series
Image
Model
Max.
Function
Tag type
Temp.
range
Mech.
Service
Life
Elec.
Rating
(125/250
VA)
IP
sealing
Certification
UL/cUL ENEC
DF3
DF3-03
DF3-S3
13…150
SPDT, SPST
NO/NC
C, D, E, P
-40..85 °C
min. 5 Mio
3A
n.a.
x
x
DF3-05
13…150
SPDT, SPST
C, D, E, P
-40..85 °C
min. 5 Mio
5A
n.a.
x
x
DF-M
DF-01
DF-03
13…150
SPDT, SPST
NO/NC
A, C, D, E, F,
H, P
-40..85 °C
min. 1 Mio
0,1…3 A
n.a.
x
x
DF-G3
DF-D3
13…150
SPDT, SPST
NO/NC
A, C, D, E, F,
H, P
-40..85 °C
min. 1 Mio
0,1…3 A
n.a.
x
none
DFW
DFW-P1
DFW-05
15…170
SPDT, SPST
NO/NC
C, D, E, P
-40..85 °C
min. 1 Mio
0,1…5 A
water
proof
button
x
x
DFW-IP67
DFW-P1
DFW-05
15…170
SPDT, SPST
NO/NC
cable
-40..85 °C
min. 1 Mio
0,1…5 A
IP67
x
x
DS
DS
75…150
SPST NO
D, L, P, R
-40..85 °C
min. 3 Mio
0,05…0,1 A
n.a.
x
x
DW
DW-N2S
DW-N3S
130…195
SPDT, SPST
NO/NC
A, C, D, P
-40..85 °C
min. 0,5
Mio
0,1…3 A
n.a.
x
x
DW-IP67
DW-N2S
DW-N3S
SPDT, SPST
NO/NC
cable
-40..85 °C
0,5 Mio
0,1…3 A
IP67
x
x
DW2
DW2-03
DW2-G3
95…220
SPDT, SPST
NO/NC
-40..85 °C
min. 1 Mio
0,1…3 A
n.a.
x
x
DW2-IP67
DW-N2S
DW-N3S
95…220
SPDT, SPST
NO/NC
cable
-40..85 °C
min. 1 Mio
0,1…3 A
IP67
x
x
SM1
External snap-fit
lever
Internal lever
SM1-G1
12…355
SPDT, SPST
NO/NC
A, B, C, D,
G, P
-40..125 °C
all series
for H force:
no define
life cycles
0.1A
n.a.
x
x
SM1-NC1
12…355
SPDT, SPST
NO/NC
A, B, C, D,
G, P
-40..125 °C
all series
for F Force:
min. 1 Mio
0.1A
n.a.
x
x
SM1-GC1
12…355
SPDT, SPST
NO/NC
A, B, C, D,
G, P
-40..125 °C
5 Mio
0.1A
n.a.
x
x
SM1-N3
SM1-G3
SM1-NC3
SM1-GC3
12…355
SPDT, SPST
NO/NC
A, B, C, D,
G, P
-40..125 °C
5 Mio
3A
n.a.
x
x
SM1-N6
SM1-G6
12…355
SPDT, SPST
NO/NC
A, B, C, D,
G, P
-40..125 °C
5 Mio
6(3)A
n.a.
x
x
SW2
SW2-C1
SW2-C3
SW2-06
SW2-10
SW2-H10
23…300
SPDT, SPST
NO/NC
A, B, G, P
-40..125 °C
min. 2 Mio
0,1…10 A
n.a.
x
x


Similar Part No. - DFW-IP67

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DFW-B02 ADAM-TECH-DFW-B02 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B03 ADAM-TECH-DFW-B03 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B04 ADAM-TECH-DFW-B04 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C02 ADAM-TECH-DFW-C02 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C03 ADAM-TECH-DFW-C03 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
More results

Similar Description - DFW-IP67

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1478603-1 MACOM-1478603-1 Datasheet
142Kb / 2P
Miniature Microswitch Introduction
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
M141T02-AC0303D ETC2-M141T02-AC0303D Datasheet
255Kb / 2P
Microswitch SPDT, Lever
M141T02-AC0300D ETC2-M141T02-AC0300D Datasheet
260Kb / 2P
Microswitch SPDT, Button
logo
SparkFun Electronics
COM-12745 SPARKFUN-COM-12745 Datasheet
104Kb / 1P
Mini Microswitch Mount ??A (pair)
8????7
COM-12746 SPARKFUN-COM-12746 Datasheet
79Kb / 1P
Mini Microswitch Mount - B (pair)
8????7
COM-12747 SPARKFUN-COM-12747 Datasheet
79Kb / 1P
Mini Microswitch Mount - C (pair)
8????7
logo
Littelfuse
MS3H1000C LITTELFUSE-MS3H1000C Datasheet
613Kb / 3P
MS SERIES HIGH-SPEED FUSE MICROSWITCH
Rev: 2-B-092821
logo
List of Unclassifed Man...
ASM-1209 ETC-ASM-1209 Datasheet
129Kb / 1P
Mounting Guide for ASM-1209 Microswitch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com