Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2 Datasheet(PDF) 2 Page - Herga Technology

Part # SW2
Description  MICROSWITCH LINE CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HERGA [Herga Technology]
Direct Link  https://www.herga.com/
Logo HERGA - Herga Technology

SW2 Datasheet(HTML) 2 Page - Herga Technology

  SW2 Datasheet HTML 1Page - Herga Technology SW2 Datasheet HTML 2Page - Herga Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROSWITCH LINE CARD
Herga Technology Ltd +44 (0) 1284 701422 | sales@herga.com | herga.com
A
Variohm Group Company
Microswitch Line Card 05/25
Series
Image
Model
Max.
Function
Tag type
Temp.
range
Mech.
Service
Life
Elec.
Rating
(125/250
IP sealing
Certification
UL/cUL ENEC
SW2
IP40
SW2-C1
SW2-C3
SW2-06
SW2-10
SW2-H10
23…300
SPDT, SPST
NO/NC
A, B, G, P
-40..125 °C
min. 2 Mio
0,1…10 A
water proof
button
x
x
SW2
IP67
SW2-C1
SW2-C3
SW2-06
SW2-10
SW2-H10
23…300
SPDT, SPST
NO/NC
cable
-40..125 °C
min. 2 Mio
0,1…10 A
IP67
x
x
VA2
VA2-P1
VA2-03
VA2-06
VA2-10
VA2-16
VA2-20
VA2-26
VA2-A03
4…330
SPDT, SPST
NO/NC
# 187, #250
-40..125 °C
min. 1 Mio
0,1…26 A
n.a.
x
x
VW1
VW1-P1
VW1-03
VW1-06
VW1-10
15…300
SPDT, SPST
NO/NC
# 187
-40..85 °C
min. 1 Mio
0,1…10 A
water proof
button
x
x
VW1
IP67
VW1-P1
VW1-03
VW1-06
VW1-10
15…300
SPDT, SPST
NO/NC
cable
-40..85 °C
min. 1 Mio
0,1…10 A
IP67
x
x



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com