Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02YFPR Datasheet(PDF) 11 Page - Texas Instruments

Part # CDC3RL02YFPR
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02YFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDC3RL02YFPR Datasheet HTML 7Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 9Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 10Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 11Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 12Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 13Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 14Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
source for optimum phase noise performance. The input range of the LDO allows the device to be powered
directly from a single cell Li battery. The LDO is enabled by either of the CLK_REQ_N signals. When disabled,
the device enters a low power shutdown mode consuming less than 1μA from the battery. The LDO requires
an output decoupling capacitor in the range of 1μF to 10μF with an equivalent series resistance (ESR) of at
least 0.1Ω for compensation and high-frequency PSR. This capacitor must stay within the specified range for
capacitance and ESR over the entire operating temperature range. A ceramic capacitor can be used if a small
external resistance is added in series with the capacitor to increase the effective ESR. An input bypass capacitor
of 1μF or larger is recommended.
www.ti.com
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com