Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13383F4T Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD13383F4T
Description  CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13383F4T Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD13383F4T Datasheet HTML 4Page - Texas Instruments CSD13383F4T Datasheet HTML 5Page - Texas Instruments CSD13383F4T Datasheet HTML 6Page - Texas Instruments CSD13383F4T Datasheet HTML 7Page - Texas Instruments CSD13383F4T Datasheet HTML 8Page - Texas Instruments CSD13383F4T Datasheet HTML 9Page - Texas Instruments CSD13383F4T Datasheet HTML 10Page - Texas Instruments CSD13383F4T Datasheet HTML 11Page - Texas Instruments CSD13383F4T Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Mechanical Dimensions
C
0.35
2X
0.16
0.14
2X
0.26
0.24
0.36 MAX
0.325
0.26
0.24
0.51
0.49
0.175
0.65
A
1.04
0.96
B
0.64
0.56
PIN 1 INDEX AREA
SEATING PLANE
1
2
0.015
C B
A
0.015
C A
B
3
A.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME
Y14.5M.
B.
This drawing is subject to change without notice.
C.
This package is a Pb-free bump design. Bump finish may vary. To determine the exact finish, refer to the device data sheet or contact a
local TI representative.
CSD13383F4
SLPS517C – DECEMBER 2014 – REVISED FEBRUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com