Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4T Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD17381F4T
Description  CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17381F4T Datasheet(HTML) 3 Page - Texas Instruments

  CSD17381F4T Datasheet HTML 1Page - Texas Instruments CSD17381F4T Datasheet HTML 2Page - Texas Instruments CSD17381F4T Datasheet HTML 3Page - Texas Instruments CSD17381F4T Datasheet HTML 4Page - Texas Instruments CSD17381F4T Datasheet HTML 5Page - Texas Instruments CSD17381F4T Datasheet HTML 6Page - Texas Instruments CSD17381F4T Datasheet HTML 7Page - Texas Instruments CSD17381F4T Datasheet HTML 8Page - Texas Instruments CSD17381F4T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = 250 μA
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
100
nA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 10 V
50
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = 250 μA
0.65
0.85
1.10
V
RDS(on)
Drain-to-Source On-Resistance
VGS = 1.8 V, IDS =0.5 A
160
250
mΩ
VGS = 2.5 V, IDS =0.5 A
110
143
mΩ
VGS = 4.5 V, IDS = 0.5 A
90
117
mΩ
VGS = 8 V, IDS =0.5 A
84
109
mΩ
gfs
Transconductance
VDS = 15 V, IDS = 0.5 A
4.8
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0 V, VDS = 15 V,
ƒ = 1 MHz
150
195
pF
Coss
Output Capacitance
44
57
pF
Crss
Reverse Transfer Capacitance
2.2
2.9
pF
RG
Series Gate Resistance
23
Ω
Qg
Gate Charge Total (4.5 V)
VDS = 15 V, IDS = 0.5 A
1040
1350
pC
Qgd
Gate Charge Gate-to-Drain
133
pC
Qgs
Gate Charge Gate-to-Source
226
pC
Qg(th)
Gate Charge at Vth
150
pC
Qoss
Output Charge
VDS = 15 V, VGS = 0 V
1110
pC
td(on)
Turn On Delay Time
VDS = 15 V, VGS = 4.5 V,
IDS = 0.5 A,RG = 2 Ω
3.4
ns
tr
Rise Time
1.4
ns
td(off)
Turn Off Delay Time
10.8
ns
tf
Fall Time
3.6
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 0.5 A, VGS = 0 V
0.73
0.9
V
Qrr
Reverse Recovery Charge
VDS= 15 V, IF = 0.5 A, di/dt = 300 A/μs
1500
pC
trr
Reverse Recovery Time
5.6
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
TYPICAL VALUES
UNIT
RθJA
Junction-to-Ambient Thermal Resistance(1)
90
°C/W
Junction-to-Ambient Thermal Resistance(2)
250
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
www.ti.com
CSD17381F4
SLPS411G – APRIL 2013 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD17381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com