Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4T.B Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD17381F4T.B
Description  CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17381F4T.B Datasheet(HTML) 4 Page - Texas Instruments

  CSD17381F4T.B Datasheet HTML 1Page - Texas Instruments CSD17381F4T.B Datasheet HTML 2Page - Texas Instruments CSD17381F4T.B Datasheet HTML 3Page - Texas Instruments CSD17381F4T.B Datasheet HTML 4Page - Texas Instruments CSD17381F4T.B Datasheet HTML 5Page - Texas Instruments CSD17381F4T.B Datasheet HTML 6Page - Texas Instruments CSD17381F4T.B Datasheet HTML 7Page - Texas Instruments CSD17381F4T.B Datasheet HTML 8Page - Texas Instruments CSD17381F4T.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 5-1. Transient Thermal Impedance
0
1
2
3
4
5
6
7
8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VDS - Drain-to-Source Voltage (V)
VGS =8V
VGS =4.5V
VGS =2.5V
VGS =1.8V
G001
Figure 5-2. Saturation Characteristics
0
1
2
3
4
5
0
0.4
0.8
1.2
1.6
2
2.4
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
Figure 5-3. Transfer Characteristics
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Qg - Gate Charge (nC)
ID = 0.5A
VDS =15V
G001
Figure 5-4. Gate Charge
1
10
100
1000
0
3
6
9
12
15
18
21
24
27
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
Figure 5-5. Capacitance
CSD17381F4
SLPS411G – APRIL 2013 – REVISED JANUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CSD17381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com