Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18510KCS.B Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD18510KCS.B
Description  CSD18510KCS 40V N-Channel NexFETTM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18510KCS.B Datasheet(HTML) 4 Page - Texas Instruments

  CSD18510KCS.B Datasheet HTML 1Page - Texas Instruments CSD18510KCS.B Datasheet HTML 2Page - Texas Instruments CSD18510KCS.B Datasheet HTML 3Page - Texas Instruments CSD18510KCS.B Datasheet HTML 4Page - Texas Instruments CSD18510KCS.B Datasheet HTML 5Page - Texas Instruments CSD18510KCS.B Datasheet HTML 6Page - Texas Instruments CSD18510KCS.B Datasheet HTML 7Page - Texas Instruments CSD18510KCS.B Datasheet HTML 8Page - Texas Instruments CSD18510KCS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4.3 Typical MOSFET Characteristics
TA = 25°C (unless otherwise stated)
Figure 4-1. Transient Thermal Impedance
VDS - Drain-to-Source Voltage (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
20
40
60
80
100
120
140
160
180
200
D002
VGS = 4.5 V
VGS = 6 V
VGS = 10 V
Figure 4-2. Saturation Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
0
20
40
60
80
100
120
140
160
180
200
D003
TC = 25°C
TC = 125°C
TC = -55°C
VDS = 5V
Figure 4-3. Transfer Characteristics
CSD18510KCS
SLPS663C – MARCH 2017 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CSD18510KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com