Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18511KCS Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD18511KCS
Description  CSD18511KCS 40V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18511KCS Datasheet(HTML) 5 Page - Texas Instruments

  CSD18511KCS Datasheet HTML 1Page - Texas Instruments CSD18511KCS Datasheet HTML 2Page - Texas Instruments CSD18511KCS Datasheet HTML 3Page - Texas Instruments CSD18511KCS Datasheet HTML 4Page - Texas Instruments CSD18511KCS Datasheet HTML 5Page - Texas Instruments CSD18511KCS Datasheet HTML 6Page - Texas Instruments CSD18511KCS Datasheet HTML 7Page - Texas Instruments CSD18511KCS Datasheet HTML 8Page - Texas Instruments CSD18511KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
9
10
D004
VDS = 20V
ID = 100A
Figure 4-4. Gate Charge
VDS - Drain-to-Source Voltage (V)
0
10
20
30
40
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
Figure 4-5. Capacitance
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100 125 150 175 200
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
D006
ID = 250µA
Figure 4-6. Threshold Voltage vs Temperature
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
D007
TC = 25° C, ID = 100 A
TC = 125° C, ID = 100 A
Figure 4-7. On-State Resistance vs Gate-to-Source
Voltage
TC - Case Temperature (° C)
-75
-50
-25
0
25
50
75
100 125 150 175 200
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D008
VGS = 4.5 V
VGS = 10 V
ID = 100A
Figure 4-8. Normalized On-State Resistance vs
Temperature
VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25qC
TC = 125qC
Figure 4-9. Typical Diode Forward Voltage
www.ti.com
CSD18511KCS
SLPS548A – JULY 2017 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CSD18511KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com