Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB155 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KB155
Description  CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KB155 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KB155 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KB155 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INS TANTANE OUS F OR WAR D V OLTAG E (V )
F ig. 2 Typical F orward C haracteristics
F
T = 25°C
P ulse width = 300µ
s
j
0
10
20
30
40
50
1
10
100
NUMB E R OF C Y
C LE S
AT 60 Hz
F ig. 3 Max Non-R epetitive S urge C urrent
P ulse Width 8.3 ms
S ingle Half-S ine-W ave
(J E DE C Method)
1
10
100
1
10
100
V , R E V E R S E V OLTAG E (V )
F ig. 4 Typical J unction C apacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
P E R C E NT OF R AT E D P E AK R E V E R S E V OLTAG E (%)
F ig. 5 Typical R everse C haracteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMB IE NT T E MP E R AT UR E (°C )
F ig. 1 F orward C urrent Derating C urve
A
S ingle phase half-sine-wave
60Hz resistive or inductive load
RATING AND CHARACTERISTIC CURVES KB151 THRU KB157



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com