Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18533KCS.B Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD18533KCS.B
Description  CSD18533KCS 60V N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18533KCS.B Datasheet(HTML) 3 Page - Texas Instruments

  CSD18533KCS.B Datasheet HTML 1Page - Texas Instruments CSD18533KCS.B Datasheet HTML 2Page - Texas Instruments CSD18533KCS.B Datasheet HTML 3Page - Texas Instruments CSD18533KCS.B Datasheet HTML 4Page - Texas Instruments CSD18533KCS.B Datasheet HTML 5Page - Texas Instruments CSD18533KCS.B Datasheet HTML 6Page - Texas Instruments CSD18533KCS.B Datasheet HTML 7Page - Texas Instruments CSD18533KCS.B Datasheet HTML 8Page - Texas Instruments CSD18533KCS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4 Specifications
4.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0V, ID = 250μA
60
V
IDSS
Drain-to-source leakage current
VGS = 0V, VDS = 48V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250μA
1.5
1.9
2.3
V
RDS(on)
Drain-to-source on-resistance
VGS = 4.5V, ID = 75A
6.9
9.0
mΩ
VGS = 10V, ID = 75A
5.0
6.3
mΩ
gfs
Transconductance
VDS = 30V, ID = 75A
150
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0V, VDS = 30V, ƒ = 1MHz
2420
3025
pF
Coss
Output capacitance
300
375
pF
Crss
Reverse transfer capacitance
7
9.1
pF
RG
Series gate resistance
1.4
2.8
Ω
Qg
Gate charge total (4.5V)
VDS = 30V, ID = 75A
14
17
nC
Qg
Gate charge total (10V)
28
34
nC
Qgd
Gate charge gate-to-drain
3.9
nC
Qgs
Gate charge gate-to-source
9.4
nC
Qg(th)
Gate charge at Vth
4.6
nC
Qoss
Output charge
VDS = 30V, VGS = 0V
31
nC
td(on)
Turn on delay time
VDS = 30V, VGS = 10V,
IDS = 75A, RG = 0Ω
5.7
ns
tr
Rise time
4.8
ns
td(off)
Turn off delay time
13
ns
tf
Fall time
3.2
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 75A, VGS = 0V
0.8
1
V
Qrr
Reverse recovery charge
VDS= 30V, IF = 75A,
di/dt = 300A/μs
97
nC
trr
Reverse recovery time
49
ns
4.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
0.8
°C/W
RθJA
Junction-to-ambient thermal resistance
62
°C/W
www.ti.com
CSD18533KCS
SLPS362D – SEPTEMBER 2012 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD18533KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com