Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18536KCS.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD18536KCS.B
Description  CSD18536KCS 60V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18536KCS.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD18536KCS.B Datasheet HTML 3Page - Texas Instruments CSD18536KCS.B Datasheet HTML 4Page - Texas Instruments CSD18536KCS.B Datasheet HTML 5Page - Texas Instruments CSD18536KCS.B Datasheet HTML 6Page - Texas Instruments CSD18536KCS.B Datasheet HTML 7Page - Texas Instruments CSD18536KCS.B Datasheet HTML 8Page - Texas Instruments CSD18536KCS.B Datasheet HTML 9Page - Texas Instruments CSD18536KCS.B Datasheet HTML 10Page - Texas Instruments CSD18536KCS.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
5 Device and Documentation Support
5.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
5.2 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
5.3 Trademarks
NexFET™ and TI E2E™ are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
5.4 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
5.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
6 Revision History
Changes from Revision B (June 2023) to Revision C (March 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
Changes from Revision A (December 2017) to Revision B (June 2023)
Page
• Updated Figure 4-10 ..........................................................................................................................................4
Changes from Revision * (March 2015) to Revision A (December 2017)
Page
• Updated Gate Charge curve ..............................................................................................................................1
• Changed COSS values From: TYP = 1700pF MAX = 2210pF To: TYP = 1410 pF MAX = 1840pF in Dynamic
Characteristics ...................................................................................................................................................3
• Changed Qg values From: TYP = 83nC MAX = 108nC To: TYP = 108nC MAX = 140nC in the Dynamic
Characteristics ...................................................................................................................................................3
• Changed Qg(th) value From: 12nC To: 17nC in the Dynamic Characteristics ....................................................3
• Changed td(on) value From: 8ns To: 11ns in Dynamic Characteristics. ..............................................................3
• Changed tr value From: 17ns To: 5ns in Dynamic Characteristics. ................................................................... 3
• Changed td(off) value From: 23ns To: 24ns in Dynamic Characteristics. ............................................................3
• Changed tf value From: 12ns To: 4ns in Dynamic Characteristics .................................................................... 3
• Updated Figure 4-4. ...........................................................................................................................................4
• Updated Figure 4-5 ............................................................................................................................................4
www.ti.com
CSD18536KCS
SLPS532C – JULY 2014 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CSD18536KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com