Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19534KCS.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD19534KCS.B
Description  CSD19534KCS 100V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19534KCS.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD19534KCS.B Datasheet HTML 1Page - Texas Instruments CSD19534KCS.B Datasheet HTML 2Page - Texas Instruments CSD19534KCS.B Datasheet HTML 3Page - Texas Instruments CSD19534KCS.B Datasheet HTML 4Page - Texas Instruments CSD19534KCS.B Datasheet HTML 5Page - Texas Instruments CSD19534KCS.B Datasheet HTML 6Page - Texas Instruments CSD19534KCS.B Datasheet HTML 7Page - Texas Instruments CSD19534KCS.B Datasheet HTML 8Page - Texas Instruments CSD19534KCS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD19534KCS 100V N-Channel NexFET™ Power MOSFET
1 Features
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Pb-free terminal plating
• RoHS compliant
• Halogen free
• TO-220 plastic package
2 Applications
• Secondary side synchronous rectifier
• Motor control
3 Description
This 100V, 13.7mΩ, TO-220 NexFET™ power
MOSFET is designed to minimize losses in power
conversion applications.
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
100
V
Qg
Gate Charge Total (10V)
16.4
nC
Qgd
Gate Charge Gate-to-Drain
3.3
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 6V
16.3
mΩ
VGS = 10V
13.7
mΩ
VGS(th)
Threshold Voltage
2.8
V
Ordering Information (1)
Device
Package
Media
Qty
Ship
CSD19534KCS
TO-220 Plastic Package
Tube
50
Tube
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
100
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package limited)
100
A
Continuous Drain Current (Silicon limited),
TC = 25°C
54
Continuous Drain Current (Silicon limited),
TC = 100°C
38
IDM
Pulsed Drain Current (1)
138
A
PD
Power Dissipation
118
W
TJ,
Tstg
Operating Junction and
Storage Temperature Range
–55 to 175
°C
EAS
Avalanche Energy, single pulse
ID = 33A, L = 0.1mH, RG = 25Ω
54
mJ
(1)
Max RθJC = 1.3°C/W, pulse duration ≤100μs, duty cycle ≤1%
VGS - Gate-to-Source Voltage (V)
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
45
D007
TC = 25° C, ID = 30 A
TC = 125° C, ID = 30 A
RDS(on) vs VGS
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
D004
ID = 30 A
VDS = 50 V
Gate Charge
CSD19534KCS
SLPS530A – JANUARY 2015 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD19534KCS.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
100V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD19534KCS ISC-CSD19534KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
CSD19534KCS 100 V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19534KCS.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
100V N-Channel NexFET Power MOSFETs
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
100V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
100V N-Channel NexFET Power MOSFET
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
100V N-Channel NexFET Power MOSFET
CSD19537Q3 TI1-CSD19537Q3 Datasheet
510Kb / 13P
100V N-Channel NexFET Power MOSFET
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
100V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com