Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25481F4.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD25481F4.B
Description  CSD25481F4 20 V P-Channel FemtoFET™ MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25481F4.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD25481F4.B Datasheet HTML 1Page - Texas Instruments CSD25481F4.B Datasheet HTML 2Page - Texas Instruments CSD25481F4.B Datasheet HTML 3Page - Texas Instruments CSD25481F4.B Datasheet HTML 4Page - Texas Instruments CSD25481F4.B Datasheet HTML 5Page - Texas Instruments CSD25481F4.B Datasheet HTML 6Page - Texas Instruments CSD25481F4.B Datasheet HTML 7Page - Texas Instruments CSD25481F4.B Datasheet HTML 8Page - Texas Instruments CSD25481F4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CSD25481F4 20 V P-Channel FemtoFET™ MOSFET
1 Features
• Ultra-low on resistance
• Ultra-low Qg and Qgd
• High operating drain current
• Ultra-small footprint (0402 Case Size)
– 1 mm × 0.6 mm
• Ultra-low profile
– 0.36 mm max height
• Integrated ESD protection diode
– Rated >4 kV HBM
– Rated >2 kV CDM
• Lead and halogen free
• RoHS compliant
2 Applications
• Optimized for load switch applications
• Optimized for general purpose switching
applications
• Battery applications
• Handheld and mobile applications
3 Description
This 90-mΩ, 20-V P-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint
in many handheld and mobile applications. This
technology is capable of replacing standard small
signal MOSFETs while providing at least a 60%
reduction in footprint size.
.
1.00 mm
0.36 mm
0.60 mm
Figure 3-1. Typical Part Dimensions
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
–20
V
Qg
Gate Charge Total (–4.5 V)
913
pC
Qgd
Gate Charge Gate-to-Drain
153
pC
RDS(on)
Drain-to-Source
On-Resistance
VGS = –1.8 V
395
mΩ
VGS = –2.5 V
145
mΩ
VGS = –4.5 V
90
mΩ
VGS(th)
Threshold Voltage
–0.95
V
Ordering Information
Device(1)
Qty
Media
Package
Ship
CSD25481F4
3000
7-Inch
Reel
Femto(0402)
1.0 mm × 0.6 mm
Land Grid Array (LGA)
Tape and
Reel
CSD25481F4T
250
7-Inch
Reel
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain-to-Source Voltage
–20
V
VGS
Gate-to-Source Voltage
–12
V
ID
Continuous Drain Current(1)
–2.5
A
IDM
Pulsed Drain Current(2)
–13.1
A
IG
Continuous Gate Clamp Current
–35
mA
Pulsed Gate Clamp Current(2)
–350
PD
Power Dissipation(1)
500
mW
V(ESD)
Human Body Model (HBM)
4
kV
Charged Device Model (CDM)
2
kV
TJ,
Tstg
Operating Junction and
Storage Temperature Range
–55 to 150
°C
(1)
Typical RθJA = 90°C/W on 1 inch2 (6.45 cm2), 2 oz.
(0.071 mm thick) Cu pad on a 0.06 inch (1.52 mm) thick FR4
PCB.
(2)
Pulse duration ≤ 100 μs, duty cycle ≤ 1%.
D
G
S
Figure 3-2. Top View
CSD25481F4
SLPS420F – SEPTEMBER 2013 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD25481F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
20V, P-Channel NexFET??Power MOSFETs
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25481F4R TI1-CSD25481F4R Datasheet
1Mb / 12P
20V, P-Channel NexFET??Power MOSFETs
CSD25481F4R TI1-CSD25481F4R Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD25481F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
20-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com