Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM81214-006 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM81214-006
Description  RF & MICROWAVE TRANSISTORS L-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM81214-006 Datasheet(HTML) 3 Page - STMicroelectronics

  AM81214-006 Datasheet HTML 1Page - STMicroelectronics AM81214-006 Datasheet HTML 2Page - STMicroelectronics AM81214-006 Datasheet HTML 3Page - STMicroelectronics AM81214-006 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
All dimensions are in inches.
Substrate material: .025 thick AI2O3
C1
:
0.2—2.5 pF Johanson Gigatrim Capacitor
C2
:
0.2—2.5 pF Johanson Gigatrim Capacitor
C3
:
1500 pF Filtercon Feedthrough
C4
:
0.1
µF, Ceramic Capacitor
C5
:
100
µF, Electrolytic Capacitor
C6
:
100 pF Chip Capacitor
L
:
No. 26 Wire, 4 Turn .062 I.D.
PIN
= 0.5 W
VCC
= 28 V
Normalized to 50 ohms
IMPEDANCE DATA
ZIN
TYPICAL INPUT
IMPEDANCE
ZCL
TYPICAL COLLECTOR
LOAD IMPEDANCE
FREQ.
ZIN(
Ω)ZCL(Ω)
L
= 1.2 GHz 10.5 + j 9.0
9.0 + j 3.0
M
= 1.3 GHz
9.5 + j 8.0
6.5 + j 2.0
AM81214-006



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com