Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM81214-015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM81214-015
Description  L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM81214-015 Datasheet(HTML) 1 Page - STMicroelectronics

  AM81214-015 Datasheet HTML 1Page - STMicroelectronics AM81214-015 Datasheet HTML 2Page - STMicroelectronics AM81214-015 Datasheet HTML 3Page - STMicroelectronics AM81214-015 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L-BAND RADAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.310 x . 310 2LFL (S064)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
5:1 VSWR CAPABILITY
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 14.5 W MIN. WITH 8.6 dB GAIN
DESCRIPTION
The AM81214-015 device is a high power Class C
transistor specifically designed for L-Band Radar
pulsed output and driver applications.
This device is capable of operation over a wide range
of pulse widths, duty cycles, and temperatures and
is capable of withstanding 5:1 output VSWR at rated
RF conditions. Low RF thermal resistance and com-
puterized automatic wire bonding techniques ensure
high reliability and product consistency.
AM81214-015 is supplied in the grounded IMPAC
™
Hermetic Metal/Ceramic package with internal
input/output matching structures.
PIN CONNECTION
BRANDING
81214-15
ORDER CODE
AM 81214-015
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 100°C)
37.5
W
IC
Device Current*
1.8
A
VCC
Collector-Supply Voltage*
32
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
4.0
°C/W
*Applies only to rated RF amplifier operation
AM81214-015
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
August 1992
1/4


Similar Part No. - AM81214-015

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM81214-015 ASI-AM81214-015 Datasheet
52Kb / 2P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - AM81214-015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1214-100 STMICROELECTRONICS-AM1214-100 Datasheet
35Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM1214-175 STMICROELECTRONICS-AM1214-175 Datasheet
95Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-200 STMICROELECTRONICS-AM1214-200 Datasheet
57Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-300 STMICROELECTRONICS-AM1214-300 Datasheet
92Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-325 STMICROELECTRONICS-AM1214-325 Datasheet
64Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80814-005 STMICROELECTRONICS-AM80814-005 Datasheet
72Kb / 5P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80814-025 STMICROELECTRONICS-AM80814-025 Datasheet
56Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-030 STMICROELECTRONICS-AM81214-030 Datasheet
94Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-060 STMICROELECTRONICS-AM81214-060 Datasheet
95Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
logo
Microsemi Corporation
MS2228 MICROSEMI-MS2228 Datasheet
91Kb / 5P
RF & MICROWAVE TRANSISTORS L-BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com