Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM50GD120DLC Datasheet(PDF) 4 Page - eupec GmbH

Part # BSM50GD120DLC
Description  Technische Information / Technical Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GD120DLC Datasheet(HTML) 4 Page - eupec GmbH

  BSM50GD120DLC Datasheet HTML 1Page - eupec GmbH BSM50GD120DLC Datasheet HTML 2Page - eupec GmbH BSM50GD120DLC Datasheet HTML 3Page - eupec GmbH BSM50GD120DLC Datasheet HTML 4Page - eupec GmbH BSM50GD120DLC Datasheet HTML 5Page - eupec GmbH BSM50GD120DLC Datasheet HTML 6Page - eupec GmbH BSM50GD120DLC Datasheet HTML 7Page - eupec GmbH BSM50GD120DLC Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM50GD120DLC
VCE [V]
VCE [V]
0
10
20
30
40
50
60
70
80
90
100
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
Tj = 25°C
Tj = 125°C
Ausgangskennlinie (typisch)
IC = f (VCE)
Output characteristic (typical)
VGE = 15V
0
10
20
30
40
50
60
70
80
90
100
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
VGE = 9V
VGE = 7V
Ausgangskennlinienfeld (typisch)
IC = f (VCE)
Output characteristic (typical)
Tvj = 125°C
4(8)
Seriendatenblatt_BSM50GD120DLC.xls



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com