Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM81214-030 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AM81214-030
Description  L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM81214-030 Datasheet(HTML) 4 Page - STMicroelectronics

  AM81214-030 Datasheet HTML 1Page - STMicroelectronics AM81214-030 Datasheet HTML 2Page - STMicroelectronics AM81214-030 Datasheet HTML 3Page - STMicroelectronics AM81214-030 Datasheet HTML 4Page - STMicroelectronics AM81214-030 Datasheet HTML 5Page - STMicroelectronics AM81214-030 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 5.0 W
VCC
= 28 V
ZO
= 50 Ohms
PIN
= 5.0 W
VCC
= 28 V
ZO
= 50 Ohms
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 1.215 GHz
4.5 + j 12.5
11.0
− j 10.0
M
= 1.300 GHz
8.5 + j 13.5
10.5
− j 6.5
H
= 1.400 GHz
9.5 + j 10.0
8.0
− j 5.0
AM81214-030
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com