Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARMORGT Datasheet(PDF) 1 Page - LENOX, Stanley Black & Decker

Part # ARMORGT
Description  FAST, STRAIGHT CUTS IN LARGE DIAMETER WORKPIECES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LENOX [LENOX, Stanley Black & Decker]
Direct Link  https://www.cutwithlenox.com/
Logo LENOX - LENOX, Stanley Black & Decker

ARMORGT Datasheet(HTML) 1 Page - LENOX, Stanley Black & Decker

  ARMORGT Datasheet HTML 1Page - LENOX, Stanley Black & Decker  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Techinical Support: 800-642-0010
Customer Service: 800-628-8810
industrial.cutwithlenox.com
ARMOR GT™ BANDSAW BLADE
FAST, STRAIGHT CUTS IN LARGE DIAMETER WORKPIECES
Copyright © 2023 LENOX.
LXBSARMORGTSS
MATERIALS
PRIMARY
MOLD STEELS
TOOL STEELS
STAINLESS STEELS
NICKEL ALLOYS
TITANIUM
SECONDARY
WIDTH X THICKNESS
TPI
IN
MM
0.7/1.0
1.0/1.3
1.4/2.0
2/3
3/4
1-1/2 x .050
41 x 1.27
x
x
2 x .050
54 x 1.27
x
2 x .063
54 x 1.60
x
x
2-5/8 x .063
67 x 1.60
x
x
3 x .063
80 x 1.60
x
x
Cutting Rates to Maximize Productivity
For fast cuts, the Aluminum Titanium Nitride coating protects cutting edge from heat
Straight Cuts in Large Diameter Alloys
Tough, ARMOR-like barrier slows tooth wear for longer life* in big blocks
Shallow gullet design provides beam strength for straight cuts
Versatile and Flexible
High performance sawing of mold steels, tool steels, stainless,
and nickel-based alloys
Bi-metal construction with enhanced manufacturing process
performs on saws not suited for carbide
*vs. LENOX Non-coated, bi-metal blades
Wave Tech is an additional process
that can be applied to blades based
on user request.
INCREASED
CUTTING RATES
Maximize Productivity*
CUT FAST
WITH AN ADVANCED
ALUMINUM TITANIUM
NITRIDE COATING


Similar Part No. - ARMORGT

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
ARM ATC-ARM Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
logo
Merrimac Industries, In...
ARM-1 MERRIMAC-ARM-1 Datasheet
244Kb / 2P
VARIABLE ATTENUATORS, MANUAL
logo
Automatic Timing & Cont...
ARM-120-AFE ATC-ARM-120-AFE Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
ARM-120-AFEP ATC-ARM-120-AFEP Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
ARM-2003 ATC-ARM-2003 Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
More results

Similar Description - ARMORGT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HB-HRM-JJ HIROSE-HB-HRM-JJ Datasheet
36Kb / 1P
Cuts DC and Supplies Voltage
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
Elektron Components Ltd...
MP0050 BULGIN-MP0050 Datasheet
74Kb / 1P
Stainless Steel Large Diameter Vandal Resistant - Momentary
logo
List of Unclassifed Man...
28014 ETC2-28014 Datasheet
83Kb / 4P
For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards
logo
Bel Fuse Inc.
SS-39200-027 BEL-SS-39200-027 Datasheet
411Kb / 2P
CAT6a Large Diameter Modular Plugs
logo
Molex Electronics Ltd.
63888-2000 MOLEX11-63888-2000 Datasheet
42Kb / 1P
Mini-Mac Applicator, Use with Large Wire Insulation Diameter
logo
ALPS ELECTRIC CO.,LTD.
ATMJ1Z7 ALPS-ATMJ1Z7 Datasheet
518Kb / 1P
Drives Large-Diameter Lenses and Realizes Low Power Consumption
logo
Fairchild Semiconductor
AN-8230 FAIRCHILD-AN-8230 Datasheet
928Kb / 6P
800 V SuperFET짰 II MOSFET Cuts Switching Loss
logo
Xilinx, Inc
XAPP689 XILINX-XAPP689 Datasheet
95Kb / 6P
Managing Ground Bounce in Large FPGAs
logo
TOKYO SEIMITSU CO., LTD
RONDCOM-55B ACCRETECH-RONDCOM-55B Datasheet
352Kb / 2P
CNC Machine for Applicable to large and heavy workpieces
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com