Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3BC Datasheet(PDF) 2 Page - Bivar, Inc.

Part # 3BC
Description  STD PANEL MOUNT INDICATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

3BC Datasheet(HTML) 2 Page - Bivar, Inc.

  3BC Datasheet HTML 1Page - Bivar, Inc. 3BC Datasheet HTML 2Page - Bivar, Inc. 3BC Datasheet HTML 3Page - Bivar, Inc. 3BC Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
If
(mA)
Iv
(mcd)
MAX
TYP
MAX
TYP
PM3BWC
GaN/SiC
430
BLUE
WATER CLEAR
25
4
4.5
25
30
3BWC‐S
PM3BWD
GaN/SiC
430
BLUE
DIFFUSED
25
4
4.5
10
40
3BWD‐S
PM3BWT
GaN/SiC
430
BLUE
TINTED
25
4
4.5
25
30
3BWT‐S
PM3GC
GaP/GaP
568
GREEN
WATER CLEAR
30
2.1
2.8
40
30
3GC‐S
PM3GD
GaP/GaP
568
GREEN
DIFFUSED
30
2.1
2.8
25
40
3GD‐S
PM3GT
GaP/GaP
568
GREEN
TINTED
30
2.1
2.8
40
30
3GT‐S
PM3PGC
GaP/GaP
555
PURE GREEN
WATER CLEAR
30
2.2
2.8
10
30
3PGC‐S
PM3PGD
GaP/GaP
555
PURE GREEN
DIFFUSED
30
2.2
2.8
5
40
3PGD‐S
PM3PGT
GaP/GaP
555
PURE GREEN
TINTED
30
2.2
2.8
10
30
3PGT‐S
PM3YC
GaAsP/GaP
590
YELLOW
WATER CLEAR
30
2
2.8
40
30
3YC‐S
PM3YD
GaAsP/GaP
590
YELLOW
DIFFUSED
30
2
2.8
20
40
3YD‐S
PM3YT
GaAsP/GaP
590
YELLOW
TINTED
30
2
2.8
40
30
3YT‐S
PM3AC
GaAsP/GaP
605
AMBER
WATER CLEAR
30
2
2.8
40
30
3AC‐S
PM3AD
GaAsP/GaP
605
AMBER
DIFFUSED
30
2
2.8
25
40
3AD‐S
PM3AT
GaAsP/GaP
605
AMBER
TINTED
30
2
2.8
40
30
3AT‐S
PM3HC
GaAsP/GaP
625
HE RED
WATER CLEAR
30
2
2.8
50
30
3HC‐S
PM3HD
GaAsP/GaP
625
HE RED
DIFFUSED
30
2
2.8
30
40
3HD‐S
PM3HT
GaAsP/GaP
625
HE RED
TINTED
30
2
2.8
50
30
3HT‐S
PM3RC
GaP/GaP
700
RED
WATER CLEAR
20
2.1
2.8
2.5
30
3RC‐S
PM3RD
GaP/GaP
700
RED
DIFFUSED
20
2.1
2.8
2
40
3RD‐S
PM3RT
GaP/GaP
700
RED
TINTED
20
2.1
2.8
2.5
30
3RT‐S
GaAsP/GaP
605
AMBER
30
2.0
2.8
6
GaP/GaP
568
GREEN
30
2.1
2.8
6
GaAsP/GaP
625
RED
30
2.0
2.8
6
GaP/GaP
568
GREEN
30
2.1
2.8
6
GaAsP/GaP
625
RED
30
2.0
2.8
6
GaAsP/GaP
590
YELLOW
30
2.0
2.8
4
GaAsP/GaP
590
YELLOW
30
2.0
2.8
4
GaP/GaP
568
GREEN
30
2.1
2.8
6
PM3BC‐R/Y
DIFFUSED
45
3BC‐R/Y
PM3BC‐Y/G
DIFFUSED
45
3BC‐Y/G
PM3BC‐A/G
DIFFUSED
45
3BC‐A/G
PM3BC
DIFFUSED
45
3BC
LED Assy. No.
Chip
Lens
Appearance
Electro‐Optical Data @ 20mA
Viewing 
Angle
2 θ ½
(Deg)
LED P/N
Material
Peak 
Wave 
Length
Emitted Color
Vf
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com