Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS18 Datasheet(PDF) 1 Page - Antex (Electronics) Limited

Part # CS18
Description  The Antex CS18 soldering iron is ideal for miniature precision soldering.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANTEX [Antex (Electronics) Limited]
Direct Link  https://www.antex.co.uk/
Logo ANTEX - Antex (Electronics) Limited

CS18 Datasheet(HTML) 1 Page - Antex (Electronics) Limited

  CS18 Datasheet HTML 1Page - Antex (Electronics) Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CS18
The Antex CS18 soldering iron is ideal for miniature precision soldering.
Features
Nominal Power - 18 watts
12V, 24V, & 230V versions are available
Supplied with long-life iron plated bit
Antex 1100 bit is fitted to this iron (2.3mm)
An inner ceramic shaft provides near perfect insulation
A range of alternative sized bits are also available
All irons are available with the option of a burn-proof silicone cable. Ideally suited to educational
environments
Supplied complete with 2.3mm bit, 1.5m of cable and full instructions
CE marked
Soldering iron stands are available separately
Options
Product
Description
S482470
CS18 230V PVC cable, British Plug
S473470
CS18 230V PVC cable, European Plug
S48J470
CS18 230V Silicone cable, British Plug


Similar Part No. - CS18

ManufacturerPart #DatasheetDescription
logo
Antex (Electronics) Lim...
CS18-230VE ANTEX-CS18-230VE Datasheet
84Kb / 1P
SOLDERING IRONS
logo
Coherent Corp
CS180-01 COHERENT-CS180-01 Datasheet
766Kb / 3P
AIR TO PLATE CHILLER SYSTEM
logo
YAGEO Corporation
CS1808GFX7R0BB103 YAGEO-CS1808GFX7R0BB103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS1808GFX7R0BN103 YAGEO-CS1808GFX7R0BN103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS1808GFX7R7BB103 YAGEO-CS1808GFX7R7BB103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CS18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
Ideal for all reflow soldering techniques
logo
Amphenol Corporation
GSB4211XYZWEU AMPHENOL-GSB4211XYZWEU Datasheet
722Kb / 2P
this product is for wave soldering only
logo
PHOENIX CONTACT
1836984 PHOENIX-1836984 Datasheet
91Kb / 3P
Designed for integration into the SMT soldering process
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
SP40NKUS ETC1-SP40NKUS Datasheet
63Kb / 1P
Weller Soldering Iron Kit w/LEDs (40 Watt)
logo
SparkFun Electronics
TOL-14456 SPARKFUN-TOL-14456 Datasheet
106Kb / 1P
Soldering Iron ??60W (Adjustable Temperature)
11????7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com