Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7DM Datasheet(PDF) 5 Page - AUER Signal GmbH

Part # PC7DM
Description  Modul-Perfect 70 modular Signal tower
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

PC7DM Datasheet(HTML) 5 Page - AUER Signal GmbH

  PC7DM Datasheet HTML 1Page - AUER Signal GmbH PC7DM Datasheet HTML 2Page - AUER Signal GmbH PC7DM Datasheet HTML 3Page - AUER Signal GmbH PC7DM Datasheet HTML 4Page - AUER Signal GmbH PC7DM Datasheet HTML 5Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Modul-Perfect 70 Order numbers
Modul-Perfect 70
Type
Productname
Order Number
PC7BLV
Low-voltage upper base section, up to 7 modules
910 771 405
PC7BHV3
High-voltage upper base section, up to 3 modules
910 772 313
PC7BHV7
High-voltage upper base section, up to 7 modules
910 773 313
PC7MW
Base for horizontal mounting, with NPT 1/2” thread
910 710 900
PC7MS
Base for horizontal mounting with pre-mounted fixing screws, with NPT 1/2” thread
910 720 900
PC7MV
Base for vertical mounting
910 730 900
PC7MR
Aluminium tube base with plastic foot, 100mm
910 742 900
PC7MR
Aluminium tube base with plastic foot, 250mm
910 743 900
PC7MR
Aluminium tube base with plastic foot, 400mm
910 744 900
PC7MR
Aluminium tube base with plastic foot, 600mm
910 746 900
PC7RS
Aluminium tube base with screw, 100mm
910 752 900
PC7RS
Aluminium tube base with screw, 250mm
910 753 900
PC7MC5
Base with integrated 5-pin M12 connector
910 781 405
PC7MC8
Base with integrated 8-pin M12 connector
910 782 405
PC7FR
“Foot adapter” quick mounting system on aluminium tube, 100mm
910 792 405
PC7FR
“Foot adapter” quick mounting system on aluminium tube, 250mm
910 793 405
PC7ASI20
AS-Interface V2.0 4-bit
910 775 200
PC7ASI30
AS-Interface V3.0 4-bit
910 775 300
PC7LD
Diffusor foil
910 000 900
XWR
Plastic bracket for vertical mounting of signal tower tube bases
900 600 900
BVB
Metal bracket for vertical mounting of signal tower tube bases
200 550 900
XSS
Set for vertical mounting
900 700 900
PC7TM
Transition module to use Modul-Perfect Modules with a Modul-Signal 70 base
910 800 900
BAse Modules & Accessories
PC7BLV
PC7BHV3
PC7BHV7
PC7MW
PC7MS
PC7MV
PC7MR
PC7RS
PC7MC5
PC7MC8
PC7FR
PC7LD
XSS
PC7TM
m o D u l ar S i gnal Towe rS
PC7MC5IO
910 781 781
PC7BLVIO
910 771 771
PC7BLVIO
PC7MC5IO
IO-Link base with 5-Pin M12 connector
IO-Link base



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com