Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675IPHPR Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC5675IPHPR
Description  14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5675IPHPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC5675IPHPR Datasheet HTML 18Page - Texas Instruments DAC5675IPHPR Datasheet HTML 19Page - Texas Instruments DAC5675IPHPR Datasheet HTML 20Page - Texas Instruments DAC5675IPHPR Datasheet HTML 21Page - Texas Instruments DAC5675IPHPR Datasheet HTML 22Page - Texas Instruments DAC5675IPHPR Datasheet HTML 23Page - Texas Instruments DAC5675IPHPR Datasheet HTML 24Page - Texas Instruments DAC5675IPHPR Datasheet HTML 25Page - Texas Instruments DAC5675IPHPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
22
www.ti.com
TYPICAL CHARACTERISTICS
Figure 24
fO − Output Frequency − MHz
62
64
66
68
70
72
74
76
78
80
82
5
101520253035404550556065 70
VCC = 3.3 V
fS = 200 MSPS
IOUTfS = 20 mA
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−3 dBfS
−6 dBfS
Figure 25
fO − Output Frequency − MHz
60
62
64
66
68
70
72
74
76
78
80
10
20
30
40
50
60
70
80
90 100 110 120
VCC = 3.3 V
fS = 400 MSPS
IOUTfS = 20 mA
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−3 dBfS
−6 dBfS
Figure 26
fS − Sampling Frequency − MSPS
500
550
600
650
700
750
800
50
100
150
200
250
300
350
400
450
500
VCC = 3.3 V
IOUTfS = 20 mA
POWER DISSIPATION
vs
SAMPLING FREQUENCY
Figure 27
fI − Input Frequency − MHz
60
61
62
63
64
65
66
67
68
69
70
71
72
10
20
30
40
50
60
70
80
VCC = 3.3 V
fS = 200 MSPS
IOUTfS = 20 mA
INTERMODULATION
vs
INPUT FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com