Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF56RTXEB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTF56RTXEB
Description  Metal Film Resistors, Axial, High Precision, High Stability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTF56RTXEB Datasheet(HTML) 2 Page - Vishay Siliconix

  PTF56RTXEB Datasheet HTML 1Page - Vishay Siliconix PTF56RTXEB Datasheet HTML 2Page - Vishay Siliconix PTF56RTXEB Datasheet HTML 3Page - Vishay Siliconix PTF56RTXEB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTF
www.vishay.com
Vishay Dale
Revision: 16-Sep-16
2
Document Number: 31019
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Note
(1) Lead length for product in bulk pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
PTF51
PTF56
PTF65
Rated Dissipation at 85 °C
W
0.05
0.125
0.25
Limiting Element Voltage
V
200
300
500
Insulation Voltage (1 Min)
Veff
> 500
> 500
> 500
Thermal Resistance
K/W
< 1300
< 520
260
Terminal Strength, Axial
N
> 150
> 50
> 50
Insulation Resistance
 1011
 1011
 1011
Category Temperature Range
°C
-55 to +150
-55 to +150
-55 to +150
Failure Rate
10-9/h
< 1
< 1
< 1
Weight (Max.)
g
0.11
0.35
0.75
L1 max.
L
D
1.50 ± 0.125 (1)
(38.10 ± 3.18)
d
GLOBAL
MODEL
DIMENSIONS in inches (millimeters)
LD
L1 max.
d
PTF51
0.150 ± 0.020
(3.81 ± 0.51)
0.070 ± 0.010
(1.78 ± 0.25)
0.200
(5.08)
0.016
(0.41)
PTF56
0.250 ± 0.031
(6.35 ± 0.79)
0.091 ± 0.009
(2.31 ± 0.23)
0.300
(7.62)
0.025
(0.64)
PTF65
0.375 ± 0.062
(9.53 ± 1.57)
0.145 ± 0.016
(3.68 ± 0.41)
0.475
(12.07)
0.025
(0.64)
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS (TYPICAL TEST LOTS)
Life (at Standard Power Ratings)
MIL-PRF-55182 Paragraph 4.8.18
1000 h rated power at +85 °C
 ± 0.04 %
Thermal Shock
Mil-STD-202, Method 107
-55 °C to +85 °C
 ± 0.02 %
Short Time Overload
MIL-R-10509, Paragraph 4.7.6
 ± 0.01 %
Low Temperature Operation
MIL-PRF-55182, Methods 4.8.10
 ± 0.02 %
Moisture
MIL-PRF-55182, Paragraph 4.8.15
 ± 0.08 %
Resistance to Soldering Heat
MIL-STD-202, Methods 210
 ± 0.02 %
Damp Heat IEC 60068-2-3
56 days at 40 °C and 92 % RH
 ± 0.08 %
Dielectric Withstanding Voltage
MIL-STD-202, Methods 301 and 105
 ± 0.01 %
MATERIAL SPECIFICATIONS
Element
Precision deposited nickel chrome alloy with controlled annealing
Encapsulation
Specially formulated epoxy compounds. Coated construction
Core
Fire-cleanded high purity ceramic
Termination
Standard lead material is solder-coated copper. Solderable and weldable
per MIL-STD-1276, Type C.
MARKING
Temperature coefficient: T10 = 15 ppm, T13 = 10 ppm, T16 = 5 ppm
Tolerance: F = 1 %, D = 0.5 %, C = 0.25 %, B = 0.1 %, A = 0.05 %, BC = 0.02 %, BB = 0.01 %
PTF51: (3 lines)
PTF56, PTF65: (4 lines)
PTF51Style and size
PTF56Style and size
37K4
Value
49K9
Value
BC T13
Tolerance and TC
BB T16
Tolerance and TC
1211
4-digit date code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com