Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3BC-A/G Datasheet(PDF) 4 Page - Bivar, Inc.

Part # 3BC-A/G
Description  STD PANEL MOUNT INDICATORS W/ WIRES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

3BC-A/G Datasheet(HTML) 4 Page - Bivar, Inc.

  3BC-A/G Datasheet HTML 1Page - Bivar, Inc. 3BC-A/G Datasheet HTML 2Page - Bivar, Inc. 3BC-A/G Datasheet HTML 3Page - Bivar, Inc. 3BC-A/G Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material
Peak
Wave
Length
Emitted Color
Pd
If
Peak
Iv
(mcd)
λp(nm)
(mW)
(mA)
If(mA)
TYP
MAX
TYP
PM3BWDLWX.X
GaN/siC
430
BLUE
DIFFUSED
20
7
-
3.8
4.2
2.5
40
3BWDL-S
PM3GDLWX.X
GaP/GaP
568
GREEN
DIFFUSED
10
7
-
2.1
2.6
2.0
40
3GDL-S
PM3PGDLWX.X
GaP/GaP
555
PURE GREEN
DIFFUSED
10
7
-
2.1
2.6
0.2
40
3PGDL-S
PM3YDLWX.X
GaAsP/GaP
590
YELLOW
DIFFUSED
10
7
-
2.0
2.6
2.0
40
3YDL-S
PM3ADLWX.X
GaAsP/GaP
605
AMBER
DIFFUSED
10
7
-
2.0
2.6
4.0
40
3ADL-S
PM3HDLWX.X
GaAsP/GaP
625
HE RED
DIFFUSED
10
7
-
2.0
2.6
2.5
40
3HDL-S
PM3RDLWX.X
GaP/GaP
700
RED
DIFFUSED
10
7
-
2.1
2.6
0.5
40
3RDL-S
PM3SRDLWX.X GaAIAs/GaAs
645
RED
DIFFUSED
10
7
-
2.0
-
8.0
40
3SRDL-S
LED P/N
Vf
(V)
LED Assy. No.
Chip
Lens
Appearance
Absolute Max. Ratings
Electro-Optical Data @ 2mA
Viewing
Angle
2
½
(Deg)
lf
(mA)
lv
(mcd)
MAX
TYP
MAX
TYP
PM3BWD5VWX.X
430
BLUE
DIFFUSED
‐‐
510
35
3BWD5V‐S
PM3GC5VWX.X
568
GREEN
WATER  CLEAR
‐‐
540
20
3GC5V‐S
PM3GD5VWX.X
568
GREEN
DIFFUSED
‐‐
525
35
3GD5V‐S
PM3GT5VWX.X
568
GREEN
TINTED
‐‐
540
20
3GT5V‐S
PM3AD5VWX.X
605
AMBER
DIFFUSED
‐‐
525
35
3AD5V‐S
PM3HD5VWX.X
625
HE RED
DIFFUSED
‐‐
530
35
3HD5V‐S
PM3RD5VWX.X
700
RED
DIFFUSED
‐‐
5
2
35
3RD5V‐S
PM3YD5VWX.X
590
YELLOW
DIFFUSED
‐‐
520
35
3YD5V‐S
PM3GC12VWX.X
568
GREEN
WATER  CLEAR
‐‐
12
40
20
3GC12V‐S
PM3GD12VWX.X
568
GREEN
DIFFUSED
‐‐
12
25
35
3GD12V‐S
PM3HC12VWX.X
625
HE RED
WATER  CLEAR
‐‐
12
50
20
3HC12V‐S
PM3HD12VWX.X
625
HE RED
DIFFUSED
‐‐
12
30
35
3HD12V‐S
PM3RC12VWX.X
700
RED
WATER  CLEAR
‐‐
12
6
20
3RC12V‐S
PM3RD12VWX.X
700
RED
DIFFUSED
‐‐
12
2
35
3RD12V‐S
PM3YC12VWX.X
590
YELLOW
WATER  CLEAR
‐‐
12
40
20
3YC12V‐S
PM3YD12VWX.X
590
YELLOW
DIFFUSED
‐‐
12
25
35
3YD12V‐S
Viewing
Angle
2 θ 1/2
(Deg)
12 Volt
Data @ 12V
Lens
Appearance 
Electro‐Optical Data
Vf
(V)
LED P/N
Data @ 5V
Emitted Color
Peak Wave
Length
λp(nm)
Assembly P/N
5 Volt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com