Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1001 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KBPC1001
Description  CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC1001 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KBPC1001 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC1001 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES KBPC10005 THRU KBPC1010
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INST ANT ANEOUS FOR WARD VOL TAGE (V)
Fi g. 2 Typical Forward Characteristics, per element
F
T = 25°C
j
Pulse width = 300µs
0
1.0
10
100
NUMBER OF CYCLES
AT 60Hz
Fi g. 3 Typical Reverse Characteristics
Single half sine-wave
JEDEC method
T = 50°C
C
25
50
75
100
125
150
0.01
0.1
1.0
10
0
40
80
120
PERCENT
OF RA TED PEAK REVERSE
VOL TAGE (%)
Fi g. 4 Typical Reverse Characteristics, per element
T = 25°C
j
T = 100°C
j
0
2
4
6
10
25
50
75
100
125
T , CASE TEMPERA TURE (°C)
Fi g. 1 Forward Current Deratin g Curve
C
8
Resistive or
Inductive load
Mounted on
Metal chassis
Mounted on
PC Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com