Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS706EG Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # PFS706EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS706EG Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button PFS706EG Datasheet HTML 17Page - Power Integrations, Inc. PFS706EG Datasheet HTML 18Page - Power Integrations, Inc. PFS706EG Datasheet HTML 19Page - Power Integrations, Inc. PFS706EG Datasheet HTML 20Page - Power Integrations, Inc. PFS706EG Datasheet HTML 21Page - Power Integrations, Inc. PFS706EG Datasheet HTML 22Page - Power Integrations, Inc. PFS706EG Datasheet HTML 23Page - Power Integrations, Inc. PFS706EG Datasheet HTML 24Page - Power Integrations, Inc. PFS706EG Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Rev. G 06/15
21
PFS704-729EG
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
C = -40 °C to 125 °C
(Note D) (Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit/Circuit Protection
Over-Current
Protection
I
OCP
PFS704
di/dt = 250 mA/
ms
T
C = 25 °C
I
V < 48 mA
3.8
4.1
4.3
A
I
V > 59 mA
2.5
2.7
2.8
PFS706
di/dt = 300 mA/
ms
T
C = 25 °C
I
V < 48 mA
4.5
4.8
5.1
I
V > 59 mA
3.0
3.2
3.4
PFS708
di/dt = 400 mA/
ms
T
C = 25 °C
I
V < 48 mA
5.5
5.9
6.2
I
V > 59 mA
3.7
4.0
4.2
PFS710
di/dt = 500 mA/
ms
T
C = 25 °C
I
V < 48 mA
6.8
7.2
7.5
I
V > 59 mA
4.6
4.9
5.1
PFS712
di/dt = 650 mA/
ms
T
C = 25 °C
I
V < 48 mA
8.0
8.4
8.8
I
V > 59 mA
5.4
5.7
6.0
PFS713
di/dt = 650 mA/
ms
I
C = 25 °C
I
V < 48 mA
8.0
9.0
9.9
I
V > 59 mA
5.4
6.0
6.6
PFS714
di/dt = 800 mA/
ms
T
C = 25 °C
I
V < 48 mA
9.0
9.5
9.9
I
V > 59 mA
6.0
6.3
6.6
PFS716
di/dt = 920 mA/
ms
T
C = 25 °C
I
V < 48 mA
9.5
10.0
10.5
I
V > 59 mA
6.3
6.7
7.0
PFS723
di/dt = 250 mA/
ms
T
C = 25 °C
3.8
4.1
4.3
PFS724
di/dt = 300 mA/
ms
T
C = 25 °C
4.5
4.8
5.1
PFS725
di/dt = 400 mA/
ms
T
C = 25 °C
5.5
5.9
6.2
PFS726
di/dt = 500 mA/
ms
T
C = 25 °C
6.8
7.2
7.5
PFS727
di/dt = 650 mA/
ms
T
C = 25 °C
8.0
8.4
8.8
PFS728
di/dt = 800 mA/
ms
T
C = 25 °C
9.0
9.5
9.9
PFS729
di/dt = 920 mA/
ms
T
C = 25 °C
9.7
10.2
10.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com