Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS708EG Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # PFS708EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS708EG Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button PFS708EG Datasheet HTML 3Page - Power Integrations, Inc. PFS708EG Datasheet HTML 4Page - Power Integrations, Inc. PFS708EG Datasheet HTML 5Page - Power Integrations, Inc. PFS708EG Datasheet HTML 6Page - Power Integrations, Inc. PFS708EG Datasheet HTML 7Page - Power Integrations, Inc. PFS708EG Datasheet HTML 8Page - Power Integrations, Inc. PFS708EG Datasheet HTML 9Page - Power Integrations, Inc. PFS708EG Datasheet HTML 10Page - Power Integrations, Inc. PFS708EG Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Rev. G 06/15
7
PFS704-729EG
www.power.com
PI-5338-021711
VE
~5 V
(full power)
~4.8 V
PFS704-716
VIN < 140 VAC
PFS704-716
PFS704-716
VIN > 170 VAC
PFS723-729
~5 V
~2.5 V
~1.25 V
~0.8 V
VIN
~170 VAC
~140 VAC
~5 V
~2.5 V
controlled with respect to the internal error-voltage level (output
power) to allow the converter to maintain output voltage
regulation and relatively flat conversion efficiency between 10%
to 100% of rated load which is essential to meet many efficiency
directives.
The degree of frequency slide is also controlled as a function of
peak input line voltage, at high input line the maximum off-time
voltage reference at zero error-voltage will be approximately 1/2
of the maximum value at low input line conditions.
The lower V
OFF slope reduces the average frequency swing for
high input line operation.
Protection Modes
VOLTAGE MONITOR (V) Pin Shutdown
The VOLTAGE MONITOR pin features a shutdown protection
mode which can be used with the VOLTAGE MONITOR pin
resistor or external circuitry to cover system faults. During
start-up (1 V < V
FB < 5.8 V) in the event the current through the
VOLTAGE MONITOR pin exceeds the I
V(OFF) threshold for a
duration exceeding approximately (1
ms), the IC disables the
internal MOSFET for the entire duration that the V pin current is
above I
V(OFF). In normal operation, if the current through the V
pin exceeds the I
V(OFF) threshold for a duration exceeding tV(OFF),
the IC will re-initiate the start-up sequence.
Brown-In Protection (I
UV+)
The VOLTAGE MONITOR pin features an input line undervoltage
detection to limit the minimum start-up voltage detected
through the V pin. This detection threshold will inhibit the
device from starting at very low input AC voltage.
Brown-Out Protection (I
UV-)
The V pin features a brown-out protection mode wherein the
HiperPFS will turn-off when the V pin current is below the Line
UV-threshold for a period exceeding the t
REFRESH time period. In
the event a single half-line cycle is missing (normal operating
line frequency is 47 to 63 Hz) the brown-out protection will not
be activated. The HiperPFS shutdown in effect gradually
reduces the internal error-voltage to zero volts at rate of 1 V/ms
Figure 8.
(a) Frequency Variation Over Line Half-Cycle as a Function of Input Voltage (b) Frequency Variation Over Line Half-Cycle as a Function of Load.
Figure 9.
V
OFF vs. VE and VOFF vs. Input Voltage.
0
45
90
135
180
120
230 VAC
180 VAC
135 VAC
115 VAC
Peak Load
90 VAC
110
100
90
80
70
60
50
40
30
20
10
Line Conduction Angle (°C)
0
45
90
135
180
120
110
100
90
80
70
60
50
40
30
20
10
Line Conduction Angle (°C)
100% Peak Load
75% Peak Load
VIN = 115 VAC
25% Peak Load
50% Peak Load
Expected Frequency
Range at Peak
Rated Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com