Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1002 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # KBPC1002
Description  CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC1002 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KBPC1002 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC1002 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC10005 THRU KBPC1010
Features
Mechanical Data
· Diffused Junction
· High Current Capability
· Surge Overload Rating to 150A Peak
· High Case Dielectric Strength of 1500V
· Ideal for Printed Circuit Board Applications
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : Marked on Body
· Mounting : Through Hole for #6 Screw
· Mounting Torque : 5.0 Inch-pounds Maximum
· Weight : 5.4 grams (approx.)
· Marking : Type Number
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 10.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Mounted on metal chassis.
(2) Mounted on PC board FR-4 material.
(3) Non-repetitive, for t > 1.0ms and < 8.3ms.
(4) Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
Peak Repetitive Reverse voltage
Working Peak Reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average Rectified
Output Current
(Note 1)
(Note 2)
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward Voltage (per element)
@ IF=5 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.1
VFM
VR(RMS)
10
8.0
Amps
150
IFSM
Tj
TSTG
1.0
-65 to +125
℃
Amps
Peak Reverse Current at Rated
DC Blocking voltage (per element)
I2t Rating for Fusing (t<8.3ms) (Note 3)
Typical Junction Capacitance
per element (Note 4)
Operating and Storage Temperature Range
KBPC
10005
KBPC
1001
KBPC
1002
KBPC
1004
KBPC
1006
KBPC
1008
KBPC
1010
35
10
64
110
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
mA
A2S
℃/W
pF
Io
IR
Cj
I2t
RθJA
@ TC=25℃
@ TC=125℃
Typical Thermal Resistance,
Junction to Case (per element)
7.5
@ TC=50℃
@ TC=50℃
A
E
G
H
C
B
A
D
AC
AC
+
-
K B P C -8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
22.20
D
1.27 O
/ Typical
E
5.33
7.37
G
3.60 O
/
4.00 O
/
H
12.70 T ypical
J
2.38 X 45
o Typical
A ll Dimens ions in mm


Similar Part No. - KBPC1002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1002 WTE-KBPC1002 Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1002 JGD-KBPC1002 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC1002 SEMTECH-KBPC1002 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1002 SSE-KBPC1002 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1002 CHENYI-KBPC1002 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1002

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
10A05 DAESAN-10A05 Datasheet
309Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBU10A DAESAN-KBU10A Datasheet
229Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com