Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT1000 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # PT1000
Description  1000 Ohm Flat Film Detectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

PT1000 Datasheet(HTML) 2 Page - Labfacility Ltd

  PT1000 Datasheet HTML 1Page - Labfacility Ltd PT1000 Datasheet HTML 2Page - Labfacility Ltd PT1000 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Detectors - 3
Dec-23
Specifications
General Description
Class B, A and 1/3DIN available in accordance with
IEC60751
Sensor Type
Pt1000 (1000 Ohms @0°C)
Element
Thin film, 10mm tails Pt1000
Max. Temperature
+500°C
Min. Temperature
-50°C
Fundamental interval
385 ohms (nominal)
Ice point resistance
1000 ohms
Self-heating
<0.5oC/mW
Stability
±0.05%
Thermal response
<0.4s @ t0.9 (in water at 0.4m/sec)
Features #1
Thin film construction
Features #2
Resists vibration & shock
Ordering Information
Temperature
Range
Type
Style
Size
Min
Max
Class
Resistance Manufacturers
Code
Farnell
Order Code
Pt1000
THIN FILM
2 x 10mm
-50°C
+500°C
1/3 DIN
1000 Ohm
DM-311-D
2443729
Pt1000
THIN FILM
10 X 2 mm
-50°C
+500°C
A
1000 Ohm
DM-310-D
8598550
Pt1000
THIN FILM
1.7 x 1.25mm
-50°C
+500°C
B
1000 Ohm
DM-318-D
2081264
Pt1000
THIN FILM
2 x 10mm
-50°C
+500°C
B
1000 Ohm
DM-507-D
7745655



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com